Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-161MT...C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-161MT...C
Description  Three Phase Bridge, 160 A (Power Modules)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-161MT...C Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-161MT...C Datasheet HTML 1Page - Vishay Siliconix VS-161MT...C Datasheet HTML 2Page - Vishay Siliconix VS-161MT...C Datasheet HTML 3Page - Vishay Siliconix VS-161MT...C Datasheet HTML 4Page - Vishay Siliconix VS-161MT...C Datasheet HTML 5Page - Vishay Siliconix VS-161MT...C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-161MT...C Series
www.vishay.com
Vishay Semiconductors
Revision: 16-Feb-2022
4
Document Number: 96990
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Thermal Impedance ZthJC Characteristic
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?96003
0.01
0.1
1
10
0.001
0.01
0.1
1
10
t
1 - Rectangular Pulse Duration (s)
Steady state value
R
th JC = 0.35 °C/W
per junction
(DC operating)
2
-
Current rating code: 16 = 160 A (average)
3
-
Circuit configuration (three phase diodes bridge)
1
-
Vishay Semiconductors product
4
-
Package indicator
5
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
Device code
2
1
4
3
16
VS-
1
MT
160
C
5
+
-
~



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com