Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-301MT...C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-301MT...C
Description  Three Phase Bridge, 300 A (Power Modules)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-301MT...C Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-301MT...C_V02 Datasheet HTML 1Page - Vishay Siliconix VS-301MT...C_V02 Datasheet HTML 2Page - Vishay Siliconix VS-301MT...C_V02 Datasheet HTML 3Page - Vishay Siliconix VS-301MT...C_V02 Datasheet HTML 4Page - Vishay Siliconix VS-301MT...C_V02 Datasheet HTML 5Page - Vishay Siliconix VS-301MT...C_V02 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VS-301MT...C Series
www.vishay.com
Vishay Semiconductors
Revision: 16-Feb-2022
2
Document Number: 96991
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum DC output current
at case temperature
IO
120° rect. conduction angle
300
A
100
°C
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Initial
TJ = TJ maximum
2400
A
t = 8.3 ms
2512
t = 10 ms
100 % VRRM
reapplied
2018
t = 8.3 ms
2113
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
28 795
A2s
t = 8.3 ms
26 285
t = 10 ms
100 % VRRM
reapplied
20 360
t = 8.3 ms
18 590
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
287 955
A2
√s
Low level value of threshold voltage
VFT(TO)1
(16.7 % x
π x IF(AV) < I < π x IF(AV)),
TJ maximum
0.79
V
High level value of threshold voltage
VFT(TO)2
(I >
π x IF(AV)), TJ maximum
0.96
Low level value of forward slope resistance
rf1
16.7 % x
π x IF(AV) < I < π x IF(AV)),
TJ maximum
3.36
m
Ω
High level of forward slope resistance
rf2
(I >
π x IF(AV)), TJ maximum
3.22
Maximum forward voltage drop
VFM
Ipk = 240 A, TJ = 25 °C, per junction
1.54
V
Ipk = 300 A, TJ = 25 °C, per junction
1.7
RMS isolation voltage
VISOL
TJ = 25 °C, all terminal shorted
f = 50 Hz, t = 1 s
3600
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
TJ
-40 to +150
°C
Maximum storage temperature
TStg
-40 to +125
Maximum thermal resistance,
junction to case
RthJC
DC operation per module
0.038
°C/W
DC operation per junction
0.23
Typical thermal resistance,
case to heat sink
RthCS
Per module
Mounting surface smooth, flat, and greased
0.03
Mounting
torque ± 15 %
to heat sink
A mounting compound is recommended and the torque should be
rechecked after a period of 3 hours to allow for the spread of the
compound. Lubricated threads.
5
Nm
to terminal
5
Approximate weight
235
g
ΔR CONDUCTION PER JUNCTION
DEVICES
SINE HALF WAVE CONDUCTION
RECTANGULAR WAVE CONDUCTION
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
VS-301MT...C Series
0.044
0.050
0.061
0.087
0.143
0.029
0.050
0.066
0.091
0.145
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com