Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40MT..K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 40MT..K
Description  Three Phase Bridge (Power Modules), 40 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40MT..K Datasheet(HTML) 1 Page - Vishay Siliconix

  40MT..K Datasheet HTML 1Page - Vishay Siliconix 40MT..K Datasheet HTML 2Page - Vishay Siliconix 40MT..K Datasheet HTML 3Page - Vishay Siliconix 40MT..K Datasheet HTML 4Page - Vishay Siliconix 40MT..K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VS-40MT160KPbF
www.vishay.com
Vishay Semiconductors
Revision: 15-Sep-17
1
Document Number: 93163
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Three Phase Bridge (Power Modules), 40 A
FEATURES
• Package fully compatible with the industry
standard INT-A-PAK power modules series
• High thermal conductivity package, electrically
insulated case
• Excellent power volume ratio, outline for easy connections
to power transistor and IGBT modules
• 4000 VRMS isolating voltage
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
A range of extremely compact, encapsulated three phase
bridge rectifiers offering efficient and reliable operation.
They are intended for use in general purpose and heavy duty
applications.
ELECTRICAL SPECIFICATIONS
PRIMARY CHARACTERISTICS
IO
40 A
VRRM
1600 V
Package
MTK
Circuit configuration
Three phase bridge
MTK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IO
40 (50)
A
TC
85 (60)
°C
IFSM
50 Hz
270
A
60 Hz
280
I2t
50 Hz
365
kA2s
60 Hz
325
I2
t
3650
kA2
s
VRRM
1600
V
TStg
Range
-40 to +150
°C
TJ
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ MAXIMUM
mA
40MT..K
160
1600
1700
10


Similar Part No. - 40MT..K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40MT..K VISHAY-40MT..K Datasheet
112Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
More results

Similar Description - 40MT..K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
02-Mar-18
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
Three Phase Bridge, 160 A (Power Modules)
16-Feb-2022
VS-300MTC VISHAY-VS-300MTC_V01 Datasheet
153Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
03-Mar-18
VS-301MTC VISHAY-VS-301MTC Datasheet
184Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
16-Feb-2022
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V01 Datasheet
112Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
VS-131MT...C VISHAY-VS-131MT...C_V01 Datasheet
185Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
VS-161MT...C VISHAY-VS-161MT...C_V01 Datasheet
181Kb / 6P
Three Phase Bridge, 160 A (Power Modules)
16-Feb-2022
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
16-Feb-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com