Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-110MT..K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-110MT..K
Description  Three Phase Bridge (Power Modules), 90 A/110 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-110MT..K Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-110MT..K Datasheet HTML 1Page - Vishay Siliconix VS-110MT..K Datasheet HTML 2Page - Vishay Siliconix VS-110MT..K Datasheet HTML 3Page - Vishay Siliconix VS-110MT..K Datasheet HTML 4Page - Vishay Siliconix VS-110MT..K Datasheet HTML 5Page - Vishay Siliconix VS-110MT..K Datasheet HTML 6Page - Vishay Siliconix VS-110MT..K Datasheet HTML 7Page - Vishay Siliconix VS-110MT..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VS-90-110MT.KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 17-Aug-17
3
Document Number: 94352
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Total Output Current (A)
25
50
75
100
125
0
120°
(Rect)
90MT..K Series
+
-
~
150
50
60
70
80
90
100
110
120
130
140
Instantaneous Forward Voltage (V)
1234
5
0
1000
1
10
100
T
J = 25 °C
90MT..K Series
Per junction
T
J = 150 °C
Total Output Current (A)
20
40
60
80
100
120
0
400
0
50
100
150
200
250
300
350
120°
(Rect.)
90MT..K Series
T
J = 150 °C
Maximum Allowable Ambient
Temperature (°C)
25
50
75
100
125
150
0
R
thSA
=
0.05
K/W
- Δ
R
0.12
K/W
0.2
K/W
0.3
K/W
0.05
K/W
0.7
K/W
1.0 K/W
1.5 K/W
400
0
50
100
150
200
250
300
350
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
700
200
250
300
350
400
450
500
550
600
650
90MT..K Series
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
Pulse Train Duration (s)
0.1
1.0
0.01
800
150
300
350
200
250
400
450
500
600
650
700
750
90MT..K Series
Maximum non-repetitive surge current
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
versus pulse train duration.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com