Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMEF Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # RMEF
Description  General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMEF Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

Back Button RMEF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 9Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 10Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev Date: 10/24/2022
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMEF Series
General Purpose Thick Film Chip Resistor
100% RoHS Compliant Without Exemption
Stackpole Electronics, Inc.
Resistive Product Solutions
Part Marking Specifications
A two-digit number is assigned to each standard R-Value (E96) as shown in the chart below.
This is followed by one alpha character which is used as a multiplier. Each letter “Y” – “F” represents a specific
multiplier as follows:
Taping Specifications
– Plastic Tape
For shared E24/E96 values, 1% tolerance product may be marked with three digit marking instead of the standard four digit
marking for all other E96 values. All E24 values available in 1% tolerance are also marked with three digit marking.
5% Marking
The nominal resistance is marked on
the surface of the overcoating with the
use of 3 digit markings.
0201 and 0402 are not marked.
1% Marking
The nominal resistance is marked on
the surface of the overcoating with the
use of 4 digit markings.
0201 and 0402 are not marked.
Mark Instructions for 0603 1% Chip Resistors (per EIA-J)
Y = 0.1
X = 1
A = 10
B = 100
C = 1000
D(d) = 10000
E = 100000
F = 1000000
Size
Unit
0.110 ± 0.008
0.220 ± 0.008
inches
2.80 ± 0.20
5.60 ± 0.20
mm
0.134 ± 0.008
0.264 ± 0.008
0.472 ± 0.004
0.069 ± 0.004
0.217 ± 0.002
0.157 ± 0.004
inches
3.40 ± 0.20
6.70 ± 0.20
12.00 ± 0.10
1.75 ± 0.10
5.50 ± 0.05
4.00 ± 0.10
mm
0.130 ± 0.008
0.181 ± 0.008
inches
3.30 ± 0.20
4.60 ± 0.20
mm
Size
Unit
inches
mm
0.079 ± 0.002
0.009 ± 0.004
0.059 ± 0.004
0.033 ± 0.006
0.157 ± 0.004
inches
2.00 ± 0.05
0.23 ± 0.10
1.50 ± 0.10
0.85 ± 0.15
4.00 ± 0.10
mm
inches
mm
RMEF2010
H
T
A
B
RMEF2010
RMEF2512
RMEF1812
RMEF2512
RMEF1812
G
0.059 +0.004/-0
1.50 +0.10/-0
P
ØD
ØD1
T1
E
F
W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com