Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0048PDC Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAALSS0048PDC
Description  Low Noise Amplifier 1400 - 2000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0048PDC Datasheet(HTML) 4 Page - Tyco Electronics

  MAALSS0048PDC Datasheet HTML 1Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 2Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 3Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 4Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 5Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 6Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 7Page - Tyco Electronics MAALSS0048PDC Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low Noise Amplifier
1400 - 2000 MHz
MAALSS0048
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
4
RoHS
Compliant
Typical Performance Curves, 1700 - 2000 MHz
Input IP3 vs. Bias @ +25°C
Gain vs. Bias @ +25°C
Noise Figure (Bias = 3V, 6.5 mA)
VSWR (Bias = 3V, 6.5 mA)
Output P1 dB vs. Bias @+25°C
Input IP3 vs. Drain Current (Frequency = 1900 MHz)
12
14
16
18
20
22
1.7
1.8
1.9
2.0
2.1
2.2
5 V, 20 mA
3 V, 6.5 mA
3 V, 5 mA
Frequency (GHz)
-10
-5
0
5
10
1.7
1.8
1.9
2.0
5 V, 20 mA
3 V, 6.5 mA
3 V, 5 mA
Frequency (GHz)
1.0
1.5
2.0
2.5
1.71.8
1.92.0
2.12.2
3 V, 6.5 mA
Frequency (GHz)
1.0
1.5
2.0
2.5
3.0
1.71.8
1.92.0
2.12.2
Input VSWR
Output VSWR
Frequency (GHz)
-10
-5
0
5
10
1.7
1.8
1.9
2.0
5 V, 20 mA
3 V, 6.5 mA
3 V, 5 mA
Frequency (GHz)
-10
-5
0
5
10
510
15
20
5 V
3 V
Drain Current (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com