Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0049 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAALSS0049
Description  GPS Low Noise Amplifier 1.5 - 1.7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0049 Datasheet(HTML) 2 Page - Tyco Electronics

  MAALSS0049 Datasheet HTML 1Page - Tyco Electronics MAALSS0049 Datasheet HTML 2Page - Tyco Electronics MAALSS0049 Datasheet HTML 3Page - Tyco Electronics MAALSS0049 Datasheet HTML 4Page - Tyco Electronics MAALSS0049 Datasheet HTML 5Page - Tyco Electronics MAALSS0049 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GPS Low Noise Amplifier
1.5 - 1.7 GHz
MAALSS0049
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, VDD = 3 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
1.575 GHz
dB
17
20
22
Noise Figure
1.575 GHz
dB
—
1.5
1.9
Input Return Loss
1.575 GHz
dB
—
15
—
Output Return Loss
1.575 GHz
dB
—
15
—
Output 1 dB Compression
1.575 GHz
dBm
—
8.5
—
Output IP3
-28 dBm Input Power, 1 MHz tone separation
1.575 GHz
dBm
12
17
—
Reverse Isolation
1.575 GHz
dB
—
34
—
Current
—
mA
—
9.5
16
Operating the MAALSS0049
To operate the device, follow these steps:
1. Ramp VDD to desired voltage, typically 3 to 5 V.
2. Set RF input.
3. Power down in reverse sequence.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead-Free SOT-26 Plastic Package†
†
Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com