Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-VDSL-R Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SFP-VDSL-R
Description  4GE 4 x Giga SFP (VDSL2 supported) 2 VDSL2 transceiver Managed Redundant Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SFP-VDSL-R Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SFP-VDSL-R Datasheet HTML 1Page - Advantech Co., Ltd. SFP-VDSL-R Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Ethernet Solutions
Features
RoHS
COMPLIANT
2002/95/EC
8GE + 4x Giga SFP (VDSL2 supported) + 2 VDSL2
transceiver Managed Redundant Switch
4GE + 4 x Giga SFP (VDSL2 supported) + 2 VDSL2
transceiver Managed Redundant Switch
Introduction
The EKI-7712G-2FV and EKI-7708G-2FV provide 8/4 Gigabit ports and 4 SFP ports with SFP-VDSL transceivers. These switches provide abundant port options, thus providing support
for connecting a range of different devices. They also come embedded with Advantech IXM function for fast deployment, thus have a marked impact in saving on engineering time and
costs. This series also support NMS to help IT managers with networking maintenance and failure prevention. Finally, they are equipped with X-Ring Pro redundancy for ultra- high-
speed recovery times of 20 seconds with SFP-VDSL modules. These switches also incorporate the latest VDSL2 technology and can be easily adapted to existing applications with
existing 2-wire cable (e.g., phone line systems), thus avoiding unnecessary costs associated with rewiring. It can substantially extend Ethernet service on UTP wire with distances up
to 3000 m, and even with a rate of 100Mbps for up to 400 m on standard CAT-5e with 2 cables.
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x, 802.3ad, 802.3ab, 802.3z,
802.1D, 802.1w, 802.1s, 802.1P, 802.1Q, 802.1X
ƒ
LAN
10/100/1000BASE-TX, optional 100BASE-FX, 1000BASE-
SX/LX/LHX/XD/ZX/EZX
ƒ
Transmission Distance
Ethernet: Up to 100 m (4-wire CAT 5e, CAT 6 RJ45 cable
suggested for Gigabit port) SFP: Up to 110 km (depends on
SFP)
VDSL2: With the rate of 100Mbps speed up to 400 m on a
standard CAT5e with wire cables
ƒ
Transmission Speed
Gigabit copper: 10/100/1000 Mbps, auto negotiation
Gigabit fiber: Up to 1000 Mbps
Interface
ƒ
Connectors
4/8 x RJ45 (Gigabit Ethernet) 4 x SFP (mini-GBIC) ports
6-pin screw terminal block connector 4-pin for power, 2-pin
for relay
ƒ
LED Indicators
PWR1, PWR2, SYS, Alarm, and R.M.
Gigabit copper: Link / Activity / Speed (1000 Mbps) SFP:
Link / Activity
ƒ
Console
RS-232 (RJ45)
L2 Features
ƒ
VLAN Arrange
802.1Q Tag-based VLAN, 802.1ad QinQ VLAN Stacking
ƒ
Port Mirroring
1 to 1, N to 1
Max. Mirror Session: 4
ƒ
RSPAN
Remote Switched Port Analysis
ƒ
GARP
GVRP, GMRP
ƒ
IP Multicast
IGMP Snooping v1/v2/v3, MLD
Snooping, IGMP Immediate leave
ƒ
Storm Control
Broadcast, Multicast, Unknown unicast
ƒ
LLDP
802.1ab LLDP, LLDP-MED
ƒ
Industrial Protocol
Modbus/TCP
ƒ
Redundancy
IEEE 802.1D-STP, IEEE 802.1s-MSTP, IEEE 802.1w-RSTP,
X-Ring Pro, with ultra high-speed recovery time less than 20
Seconds with SFP-VDSL modules
QoS
ƒ
Priority Queue
WRR (Weighted Round Robin), SP (Strict Scheduling
Scheduling
Priority) Hybrid Priority, Max. Priority Queues: 8
ƒ
Class of Service
IEEE 802.1p Based CoS, IP TOS, DSCP based CoS
ƒ
Rate Limiting
Ingress Rate limit, Egress Rate limit
ƒ
Link Aggregation
IEEE 802.3ad Dynamic Port Trunking, Static Port Trunking
Security
ƒ
Port Security
Static/Dynamic MAC, Max. Learning Limit, MAC Violation
Notice
ƒ
802.1X
Port-based/MAC-based Authentication
(MD5/PEAP/TLS/TTLS Encryption)
ƒ
MAB
MAC Authentication Bypass
ƒ
Authentication
RADIUS, TACAS+
ƒ
IP Security
IP Source Guard, DHCP Snooping, ARP Spoofing
Prevention
ƒ
ACL
Access Control List (IP-ACL, MAC-ACL)
Max. ACL Entries: 128
Management
ƒ
DHCP
Client, Server, Option66/67/82, DHCP Relay
ƒ
Access
SNMP v1/v2c/v3, WEB, Telnet, RMON, Standard
MIB-II, Private MIB, Ethernet-Like MIB, RMON MIB (Group
1, 2, 3, 9)
ƒ
Security access
SSH2.0, SSL
ƒ
Software upgrade
TFTP, SFTP, HTTP, Dual Image
ƒ
NTP
SNTP client
Mechanism
ƒ
Enclosure
IP30, metal shell with solid mounting kit
ƒ
Dimensions (W x H x D) 74 x 152 x 105 mm (2.91" x 5.98" x 4.13")
ƒ
Mounting
DIN rail, wall mount
Power
ƒ
Power Consumption
15 W @ 48 VDC (system)
ƒ
Power Input
12 ~ 48 VDC
ƒ
Fault Output
1 x relay output
Protection
ƒ
Power Reverse
Present
ƒ
Overload Current
Present
ƒ
4 x Gigabit + 4 x Gigabit SFP (VDSL2 * 3 supported) + 2 VDSL2 transceivers
(EKI-7708G-2FV)
ƒ
8 x Gigabit + 4 x Gigabit SFP (VDSL2 *3 supported) + 2 VDSL2 transceivers
(EKI-7712G-2FV)
ƒ
Redundancy: X-Ring Pro (ultra-high-speed recovery time of 20 Seconds with
SFP-VDSL modules, RSTP/STP, and MSTP (802.1w/1D/1s)
ƒ
IXM function for fast deployment
ƒ
Security Pack with 802.1X, ACL, RADIUS, TACACS+, MAB Authentication,
ƒ
SNMPv3, HTTPS, SSH, and SFTP
ƒ
Management: SNMP v1/v2c/v3, WEB, Telnet, standard MIB, private MIB
ƒ
Supports NMS for easy and visualized to monitor and manage network
remotely
ƒ
NEMA TS2 for traffic control
ƒ
EN50121-4 approval for railway trackside deployment
ƒ
100/100 Mbps up to 400 m over CAT 5e
ƒ
Dual 12 ~ 48 VDC power input + 1 x relay output
EKI-7708G
EKI-7712G
EKI-7708G-2FV
EKI-7712G-2FV
All product specifications are subject to change without notice.
Last updated: 16-Jul-2021


Similar Part No. - SFP-VDSL-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SFP-VDSL-R ADVANTECH-SFP-VDSL-R Datasheet
535Kb / 2P
4GE 4 x Giga SFP (VDSL2 supported) 2 VDSL2 transceiver Managed Redundant Switch
26-Apr-2022
More results

Similar Description - SFP-VDSL-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7758F ADVANTECH-EKI-7758F Datasheet
555Kb / 1P
4G4 SFP Gigabit Managed Redundant Industrial Ethernet Switch
EKI-4654R ADVANTECH-EKI-4654R Datasheet
407Kb / 2P
242 SFP Port Managed Redundant Industrial Ethernet Switch
EKI-7758F ADVANTECH-EKI-7758F_15 Datasheet
325Kb / 2P
4G4 SFP Gigabit Managed Redundant Industrial Ethernet Switch
logo
Pulse A Technitrol Comp...
T699 PULSE-T699 Datasheet
510Kb / 2P
VDSL/VDSL2 Transformer
logo
Moxa Inc.
IEX-402 MOXA-IEX-402 Datasheet
769Kb / 5P
Industrial managed VDSL2/SHDSL Ethernet extenders
IEX-408E MOXA-IEX-408E Datasheet
997Kb / 6P
Industrial managed 6 FE 2 VDSL2 Ethernet extender switches
logo
Advantech Co., Ltd.
EKI-7706G-2F ADVANTECH-EKI-7706G-2F Datasheet
263Kb / 2P
4GE2SFP Gigabit Managed Redundant Industrial Switch
5-Jul-2017
EKI-7708G-4F ADVANTECH-EKI-7708G-4F Datasheet
324Kb / 2P
4GE4G SFP Port Gigabit Managed Redundant Industrial Switch
21-Nov-2017
EKI-7708G-4FP ADVANTECH-EKI-7708G-4FP Datasheet
330Kb / 2P
4GE4G SFP Port Gigabit Managed Redundant Industrial PoE Switch
21-Nov-2017
EKI-7708G-2FVI ADVANTECH-EKI-7708G-2FVI Datasheet
535Kb / 2P
4GE 4 x Giga SFP (VDSL2 supported) 2 VDSL2 transceiver Managed Redundant Switch
26-Apr-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com