Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFP-VDSL-R Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SFP-VDSL-R
Description  4GE 4 x Giga SFP (VDSL2 supported) 2 VDSL2 transceiver Managed Redundant Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SFP-VDSL-R Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SFP-VDSL-R Datasheet HTML 1Page - Advantech Co., Ltd. SFP-VDSL-R Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Note: For SFP copper type, only 1000Mbps supported.
Note 2: SFP Transceivers can only be plugged in port 6,7,8 of EKI-7708G-2FVI if additional 1 SFP VDSL transceiver is used (port 5 shall not be used)
SFP Transceivers can only be plugged in port 10,11,12 of EKI-7712G-2FVI if additional 1 SFP VDSL transceiver is used (port 9 shall not be used)
Dimensions
Panel Cut-out Dimensions: 79 x 152 x 105 mm (3.11" x 5.98" x 4.13")
Environment
ƒ Operating Temperature
-20 ~ 75°C (-4 ~ 167°F)
ƒ Storage Temperature
-40 ~ 85°C (-40 ~ 185°F)
ƒ Operating Humidity
10 ~ 95% (non-condensing)
ƒ Storage Humidity
10 ~ 95% (non-condensing)
Certification
ƒ Safety
UL 61010, EN LVD62368
ƒ EMI
CE, FCC Class A
ƒ EMS
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
EN 61000-4-6
EN 61000-4-8 NEMA TS2
ƒ Shock
IEC 60068-2-27
ƒ Freefall
IEC 60068-2-32
ƒ Vibration
IEC 60068-2-6
ƒ Railway Track Side
EN 50121-4
ƒ Patent
http://www.advantech.com/legal/patent
Unit: mm [inch]
EKI-7708G/7712G-2FVI
Ordering Information
ƒ EKI-7708G-2FVI-A
4 x Gigabit + 4 x Gigabit SFP (VDSL2 * 3 supported) + 2
VDSL2 transceivers
ƒ EKI-7712G-2FVI-A
8 x Gigabit + 4 x Gigabit SFP (VDSL2 * 3 supported) + 2
VDSL2 transceivers
Accessory (Sold Separately)
ƒ SFP-VDSL
Master & Remote as a set
ƒ SFP-VDSL-M
SFP VDSL transceiver, master
ƒ SFP-VDSL-R
SFP VDSL transceiver, remote
Deployment Option
EKI-7712G-2FV
EKI-7712G-2FV
EKI-7708G-2FV
EKI-7708G-2FV
Advantech X-Ring
ID:1
EKI-7708G
VDSL
Fiber
Fiber
SW_2
SW_5
SW_6
SW_3
SW_7
Port_5
Port_6
Port_9
Port_10
Port_5
Port_6
Port_9
Port_10
Port_5
Port_6
Port_12
Fiber
Fiber
Fiber
(Remote)
(Master)
Port_8
SW_1
EKI-7712G-2FV
EKI-7708G-2FV
VDSL
SW_4
Port_12
(Master)
(Remote)
Port_8
105 [4.134]
105 [4.134]
6-M3xP0.5
79 [3.110]
24.50
[0.965]
35
[1.378]
37 [1.457]
79 [3.110]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com