Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2803/AHA Datasheet(PDF) 1 Page - Microchip Technology

Part # HV2803/AHA
Description  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2803/AHA Datasheet(HTML) 1 Page - Microchip Technology

  HV2803/AHA Datasheet HTML 1Page - Microchip Technology HV2803/AHA Datasheet HTML 2Page - Microchip Technology HV2803/AHA Datasheet HTML 3Page - Microchip Technology HV2803/AHA Datasheet HTML 4Page - Microchip Technology HV2803/AHA Datasheet HTML 5Page - Microchip Technology HV2803/AHA Datasheet HTML 6Page - Microchip Technology HV2803/AHA Datasheet HTML 7Page - Microchip Technology HV2803/AHA Datasheet HTML 8Page - Microchip Technology HV2803/AHA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2017-2019 Microchip Technology Inc.
DS20005721C-page 1
HV2803/HV2903/HV2904
Features
• 32-Channel, High-Voltage Analog Switch
• No High-Voltage Supplies Required
• 32-Channel, Single-Pole, Single-Throw (SPST)
Individual Switching or Bank Switching
• 3.3V CMOS Input Logic Level
• 66 MHz Data Shift Clock Frequency
• Silicon-on-Insulator (SOI) High-Voltage
Technology for High Performance
• Standby mode for Low-Power Dissipation
• Low-Parasitic Capacitance
• DC to 50 MHz Analog Small-Signal Frequency
• 200 kHz to 50 MHz Large-Signal Frequency
• -70 dB Typical Off Isolation at 5.0 MHz
• Excellent Noise Immunity
• Cascadable Serial Data Register with Latches
• Integrated Bleed Resistors on the Outputs (both
sides for HV2903, one side for HV2904)
Applications
• Medical Ultrasound Imaging
• Nondestructive Testing (NDT) Metal Flaw
Detection
• Piezoelectric Transducer Drivers
• Inkjet Printer Heads
• Optical MEMS Modules
General Description
The HV2803/HV2903/HV2904 devices are low harmonic
distortion, low charge injection, 32-channel, high-voltage
analog switches without high-voltage supplies. They are
intended for use in applications requiring high-voltage
switching controlled by low-voltage control signals, such
as medical ultrasound imaging, driving piezoelectric
transducers and printers.
The HV2903 device has integrated bleed resistors at
both sides of the switches; the HV2904 device has
bleed resistors at one side only, while the HV2803
device has no bleed resistors. The bleed resistor
eliminates voltage build-up on capacitive loads, such
as piezoelectric transducers.
The HV2803/HV2903/HV2904 devices have two
modes of operation determined by the MODE pin input.
MODE input high enables an individual Switching
mode of 32-channel SPST switches and MODE input
low enables a Bank Switching mode of 16-Pole
Double-Throw (16PDT) switches to support bank
switching for probe selection.
The devices require only ±6V or ±5V low-voltage
supplies and no high-voltage supplies. However, all the
analog switches can transmit ±100V high-voltage pulses.
Package Type
1
2
3
4
5
6
7
8
9
101112 13
A
B
C
D
E
F
G
H
P
J
K
L
M
14
N
HV2803/HV2903/HV2904
12 x 12 x 1.20 mm TFBGA
(Top View*)
* See Section 2.0 “Package Pin Configuration
and Function Description”.
No High-Voltage Bias, Low Harmonic Distortion,
32-Channel, High-Voltage Analog Switch


Similar Part No. - HV2803/AHA

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2802GA-G MICROCHIP-HV2802GA-G Datasheet
328Kb / 26P
Low Harmonic Distortion, 32-Channel SPST
07/14/15
logo
Supertex, Inc
HV2808 SUTEX-HV2808 Datasheet
661Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
HV2808K6-G SUTEX-HV2808K6-G Datasheet
661Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
More results

Similar Description - HV2803/AHA

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
HV2801 SUTEX-HV2801 Datasheet
1Mb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch
HV2808 SUTEX-HV2808 Datasheet
661Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
HV2809 SUTEX-HV2809 Datasheet
791Kb / 7P
Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch Relay Replacement IC
HV2705 SUTEX-HV2705 Datasheet
943Kb / 8P
Low Harmonic Distortion, 16-Channel, High Voltage, Analog Switches with Bleed Resistors
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
Low Harmonic Distortion 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2662 MICROCHIP-HV2662 Datasheet
614Kb / 16P
Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
07/14/15
logo
Monolithic Power System...
MP4832 MPS-MP4832 Datasheet
189Kb / 2P
32-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com