Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2903/AHA Datasheet(PDF) 4 Page - Microchip Technology

Part # HV2903/AHA
Description  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2903/AHA Datasheet(HTML) 4 Page - Microchip Technology

  HV2903/AHA Datasheet HTML 1Page - Microchip Technology HV2903/AHA Datasheet HTML 2Page - Microchip Technology HV2903/AHA Datasheet HTML 3Page - Microchip Technology HV2903/AHA Datasheet HTML 4Page - Microchip Technology HV2903/AHA Datasheet HTML 5Page - Microchip Technology HV2903/AHA Datasheet HTML 6Page - Microchip Technology HV2903/AHA Datasheet HTML 7Page - Microchip Technology HV2903/AHA Datasheet HTML 8Page - Microchip Technology HV2903/AHA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
HV2803/HV2903/HV2904
DS20005721C-page 4
 2017-2019 Microchip Technology Inc.
HV2803
Switch Off Bias per SW
ISOB
——
3
μAVSIG = +100V, 400 μs pulse
(see Figure 3-2)
——
4
mA
VSIG = -100V, 12 μs pulse
(see Figure 3-2) (Note 1)
HV2903
Switch Off Bias per SW
ISOB
——
3
μAVSIG = +100V, 400 μs pulse
(see Figure 3-2)
——
8
mA
VSIG = -100V, 12 μs pulse
(see Figure 3-2) (Note 1)
HV2904
Switch Off Bias per SWA
(with bleed resistor)
ISOB
——
3
μAVSIG = +100V, 400 μs pulse
(see Figure 3-2)
——
8
mA
VSIG = -100V, 12 μs pulse
(see Figure 3-2) (Note 1)
Switch Off Bias per SWB
(without bleed resistor)
——
3
μAVSIG = +100V, 400 μs pulse
(see Figure 3-2)
——
4
mA
VSIG = -100V, 12 μs pulse
(see Figure 3-2) (Note 1)
Switch Off DC Offset
VOS
—1
10
mV
RLOAD =25 k (HV2803), 50 k(HV2904),
no load (HV2903) (see Figure 3-3)
Switch On DC Offset
—
1
10
Quiescent VDD Supply Current
IDDQ
——
7
mA
All switches off
Quiescent VSS Supply Current
ISSQ
——
5
mA
Quiescent VDD Supply Current
IDDQ
——
8
mA
All switches on, VSW =1V
Quiescent VSS Supply Current
ISSQ
——
8
mA
Quiescent VLL Supply Current
ILLQ
—1
10
μA
All logic inputs are static
Standby VDD Supply Current
IDDS
—63
150
µA
STBY =0V
Standby VSS Supply Current
ISSS
—13
100
µA
Standby VLL Supply Current
ILLS
——
2
μASTBY =0V
Switch Output Peak Current
ISW
2
3—
A
VSIG duty cycle < 0.1% (Note 1)
Output Switching Frequency
fSW
——
50
kHz
Duty cycle = 50% (Note 1)
Average VDD Supply Current
IDD
—11
25
mA
All output switches are turning on and off
at 50 kHz with no load, VSIG =0V
Average VSS Supply Current
ISS
—9
20
mA
Average VLL Supply Current
ILL
—3
6
mA
fCLK = 5.0 MHz
Data Out Source Current
ISOR
10
——
mA
VOUT =VLL – 0.7V
Data Out Sink Current
ISINK
10
——
mA
VOUT =0.7V
Logic Input Capacitance
CIN
—8
—
pF
(Note 2)
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Unless otherwise specified, VDD =6.0V, VSS = -6.0V, VLL =3.3V, TAMB = +25°C. Boldface specifications apply over the
full operating temperature range.
Parameters
Sym.
Min.
Typ.
Max. Units
Conditions
Note 1:
Specification is obtained by characterization and is not 100% tested.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com