Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V86 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP6V86
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V86 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP6V86 Datasheet HTML 44Page - Microchip Technology MCP6V86 Datasheet HTML 45Page - Microchip Technology MCP6V86 Datasheet HTML 46Page - Microchip Technology MCP6V86 Datasheet HTML 47Page - Microchip Technology MCP6V86 Datasheet HTML 48Page - Microchip Technology MCP6V86 Datasheet HTML 49Page - Microchip Technology MCP6V86 Datasheet HTML 50Page - Microchip Technology MCP6V86 Datasheet HTML 51Page - Microchip Technology MCP6V86 Datasheet HTML 52Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 49
MCP6V86/6U/7/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6V86:
Single Op Amp (SOT-23 only)
MCP6V86U:
Single Op Amp (SC70, SOT-23)
MCP6V87:
Dual Op Amp (MSOP, TDFN)
MCP6V89:
Quad Op Amp (TSSOP)
Tape and Reel
T
= Tape and Reel
Temperature Range: E
= -40°C to +125°C (Extended)
Package:
LTY*
= Plastic Small Outline Transistor, SC70, 5-Lead
OT
= Plastic Small Outline Transistor, SOT-23, 5-Lead
MNY* = Plastic Dual Flat, No Lead – 2x3x0.8 mm TDFN,
8-Lead
MS
= Plastic Micro Small Outline, MSOP, 8-Lead
ST
= Thin Shrink Small Outline – 4.4 mm TSSOP,
14-Lead
*Y
= Nickel palladium gold manufacturing designator.
Only available on the SC70 and TDFN packages.
PART NO.
–X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Examples:
a)
MCP6V86T-E/OT:
Tape and Reel,
Extended Temperature,
5-Lead SOT-23 Package
a)
MCP6V86UT-E/LTY: Tape and Reel
Extended Temperature,
5-Lead SC70 Package
b)
MCP6V86UT-E/OT: Tape and Reel,
Extended Temperature,
5-Lead SOT-23 Package
a)
MCP6V87-E/MS:
Extended Temperature,
8-Lead MSOP Package
b)
MCP6V87T-E/MS:
Tape and Reel,
Extended Temperature,
8-Lead MSOP Package
c)
MCP6V87T-E/MNY: Tape and Reel,
Extended Temperature,
8-Lead 2 x 3 TDFN Package
a)
MCP6V89-E/ST:
Extended Temperature,
14-Lead TSSOP Package
b)
MCP6V89T-E/ST:
Tape and Reel,
Extended Temperature,
14-Lead TSSOP Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com