Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V86UT-E/OT Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP6V86UT-E/OT
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V86UT-E/OT Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP6V86UT-E/OT Datasheet HTML 38Page - Microchip Technology MCP6V86UT-E/OT Datasheet HTML 39Page - Microchip Technology MCP6V86UT-E/OT Datasheet HTML 40Page - Microchip Technology MCP6V86UT-E/OT Datasheet HTML 41Page - Microchip Technology MCP6V86UT-E/OT Datasheet HTML 42Page - Microchip Technology MCP6V86UT-E/OT Datasheet HTML 43Page - Microchip Technology MCP6V86UT-E/OT Datasheet HTML 44Page - Microchip Technology MCP6V86UT-E/OT Datasheet HTML 45Page - Microchip Technology MCP6V86UT-E/OT Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
MCP6V86/6U/7/9
DS20006398A-page 42
 2020 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
1.50
1.60
MILLIMETERS
0.50 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.85
0.25
Microchip Technology Drawing No. C04-129-MNY Rev. B
NOM
8-Lead Plastic Dual Flat, No Lead Package (MNY) – 2x3x0.8 mm Body [TDFN]
12
8
C
Contact Pad Spacing
2.90
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
Y1
Y2
X2
EV
EV
ØV
SILK SCREEN
With 1.4x1.3 mm Exposed Pad (JEDEC Package type WDFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com