Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOSNF06 Datasheet(PDF) 1 Page - Belden Inc.

Part # GOSNF06
Description  Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GOSNF06 Datasheet(HTML) 1 Page - Belden Inc.

  GOSNF06 Datasheet HTML 1Page - Belden Inc. GOSNF06 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GOSNF06
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) + PE with 1 Tube of
Ø3.3mm 6f SM OS2 G.657.A2.
Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns (standard rodent protection) as strength member and polyethylene outer
jacket. Product feature: This cable has standard rodent protection by glass yarns. Existing out of 1 Tube with a diameter of 3.3mm with 6 fibers SM OS2
G.657.A2.
Technical Specifications
Product Overview
Construction Type:
Central Loose Tube
Environmental Space:
Outdoor
Suitable Applications:
For outdoor use in structured (data) wiring systems such as industrial backbone, campus backbone, building backbone (riser) and/or horizontal cabling. For outdoor use in networks
for industrial, telecom, cable TV and/or broadcast. Easy to install in ducts, tunnels and trenches and/or tubes. Suitable for Direct Burial.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
Subunit Color
OS2
G.657A2
6
TIA coding (Gxxxxxx.T): Natural
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White
Cable Core Water Tight:
Yes
Cable Core
Waterblocking:
Waterblocking Glass Yarns
Bulk Cable Weight:
28 kg/km
SubUnit Specifications
Number of Active
Subunits:
1
Number of Subunit
Positions:
1
Fibers Per Subunit:
6
Subunit Diameter:
3.3 mm
Subunit Waterblocking:
Gel Filled
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color Nominal Diameter Ripcord
PE - Polyethylene Black
5.8 mm
No
Table Notes:
Standard color: Black. Available colors: Black, Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Lime Green
Optical Characteristics
Max. Attenuation at 1310
nm:
0.40 dB/km


Similar Part No. - GOSNF06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOSNF02 BELDEN-GOSNF02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF04 BELDEN-GOSNF04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF08 BELDEN-GOSNF08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
2023 Belden, Inc
More results

Similar Description - GOSNF06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCNF06 BELDEN-GOCNF06 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
2023 Belden, Inc
GORNF06 BELDEN-GORNF06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF02 BELDEN-GOSNF02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 2f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF04 BELDEN-GOSNF04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 4f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF08 BELDEN-GOSNF08 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 8f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF12 BELDEN-GOSNF12 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 12f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF16 BELDEN-GOSNF16 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 16f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNF24 BELDEN-GOSNF24 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 24f SM OS2 G.657.A2.
2023 Belden, Inc
GOSNI06 BELDEN-GOSNI06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(1500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.B3.
2023 Belden, Inc
GOVNF06 BELDEN-GOVNF06 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 6f SM OS2 G.657.A2.
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com