Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT21 Datasheet(PDF) 1 Page - CUI Devices

Part # AMT21
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT21 Datasheet(HTML) 1 Page - CUI Devices

  AMT21 Datasheet HTML 1Page - CUI Devices AMT21 Datasheet HTML 2Page - CUI Devices AMT21 Datasheet HTML 3Page - CUI Devices AMT21 Datasheet HTML 4Page - CUI Devices AMT21 Datasheet HTML 5Page - CUI Devices AMT21 Datasheet HTML 6Page - CUI Devices AMT21 Datasheet HTML 7Page - CUI Devices AMT21 Datasheet HTML 8Page - CUI Devices AMT21 Datasheet HTML 9Page - CUI Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
date 08/05/2022
page 1 of 10
SERIES: AMT21 | DESCRIPTION: MODULAR ABSOLUTE ENCODER
cuidevices.com
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
3.8
5
5.5
V
start-up time1
200
ms
current consumption
with unloaded output
16
mA
Note:
1. Encoder must be stationary during start-up.
ABSOLUTE POSITION CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
resolution
12 or 14-bit
accuracy
0.2
degrees
absolute zero position
settable via AMT Viewpoint™ GUI or RS485 (single-turn
versions only)
multi-turn
multi-turn and single-turn versions available
turns counter2
signed binary number
14
bits
absolute position update rate
12-bit
14-bit
25
100
µs
µs
Notes:
2. Multi-turn encoders only.
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
motor shaft tolerance
NOM +0/-0.015
mm
weight
15.7
g
axial play
±0.3
mm
rotational speed at each resolution
12-bit position resolution
14-bit position resolution
8,000
4,000
RPM
RPM
FEATURES
• high speed protocol for fast low latency position data
• patented capacitive ASIC technology
• low power consumption
• 12 or 14-bit absolute position with multi-turn capability
• 3.3 V half-duplex RS485 - high speed 2 Mbps or adjustable data rate
• settable zero position
• configuration and programming via AMT Viewpoint™ software
• compact modular package with locking hub for ease of installation
• radial and axial cable connections
• -40 ~ 105°C operating temperature
Additional Resources: Product Page | 3D Model


Similar Part No. - AMT21

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT21 CUI-AMT21 Datasheet
842Kb / 10P
MODULAR ABSOLUTE ENCODER
AMT21 CUI-AMT21 Datasheet
739Kb / 10P
MODULAR ABSOLUTE ENCODER
09/10/2021
logo
Same Sky Devices
AMT21 SAMESKY-AMT21 Datasheet
696Kb / 10P
MODULAR ABSOLUTE ENCODER
09/12/2024
logo
CUI INC
AMT212A-2000-S CUI-AMT212A-2000-S Datasheet
842Kb / 10P
MODULAR ABSOLUTE ENCODER
AMT212A-2000-W CUI-AMT212A-2000-W Datasheet
842Kb / 10P
MODULAR ABSOLUTE ENCODER
More results

Similar Description - AMT21

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT21 CUI-AMT21 Datasheet
842Kb / 10P
MODULAR ABSOLUTE ENCODER
AMT23 CUI-AMT23 Datasheet
754Kb / 8P
MODULAR ABSOLUTE ENCODER
AMT22 CUI-AMT22 Datasheet
727Kb / 9P
MODULAR ABSOLUTE ENCODER
AMT20 CUI-AMT20_V01 Datasheet
828Kb / 10P
MODULAR ABSOLUTE ENCODER
09/10/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
MODULAR ABSOLUTE ENCODER
02/22/2022
AMT23 CUI-AMT23_V01 Datasheet
689Kb / 8P
MODULAR ABSOLUTE ENCODER
09/10/2021
AMT21 CUI-AMT21_V01 Datasheet
739Kb / 10P
MODULAR ABSOLUTE ENCODER
09/10/2021
logo
CUI Devices
AMT20 CUID-AMT20 Datasheet
875Kb / 10P
MODULAR ABSOLUTE ENCODER
08/05/2022
AMT22 CUID-AMT22 Datasheet
731Kb / 9P
MODULAR ABSOLUTE ENCODER
08/05/2022
AMT23 CUID-AMT23 Datasheet
723Kb / 8P
MODULAR ABSOLUTE ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com