Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT22 Datasheet(PDF) 3 Page - CUI Devices

Part # AMT22
Description  MODULAR ABSOLUTE ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT22 Datasheet(HTML) 3 Page - CUI Devices

  AMT22 Datasheet HTML 1Page - CUI Devices AMT22 Datasheet HTML 2Page - CUI Devices AMT22 Datasheet HTML 3Page - CUI Devices AMT22 Datasheet HTML 4Page - CUI Devices AMT22 Datasheet HTML 5Page - CUI Devices AMT22 Datasheet HTML 6Page - CUI Devices AMT22 Datasheet HTML 7Page - CUI Devices AMT22 Datasheet HTML 8Page - CUI Devices AMT22 Datasheet HTML 9Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CUI DEVICES | SERIES: AMT22 | DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 08/05/2022 | page 3 of 9
cuidevices.com
Commands:
Read Position
Hex command sequence: 0x00 0x00
The command to read position is 0x00, 0x00 because the encoder will always respond with the current position when SPI is accessed. The
encoder observes the second byte for extended commands.
Extended Commands:
Reset Encoder
Hex command sequence: 0x00 0x60
The encoder responds with the current position over the transmission then immediately resets. Observe the power on time when using this
command. Encoder must be stationary to power back on.
Set Zero Point (single-turn encoders only)
Hex command sequence: 0x00 0x70
The encoder responds with the current position over this transmission then saves the current position into memory and performs a reset.
Encoder must be stationary for this command. Observe the power on time when using this command.
Read Turns (multi-turn encoders only)
Hex command sequence: 0x00 0xA0 0x00 0x00
The encoder responds with position during the transfer of the first two bytes. The encoder responds with the current turn value in the
second two bytes. The resulting number is a signed 14 bit number.
Chip select must be held low for the entire four byte transfer, and T
B should be observed between each byte.
SERIAL INTERFACE (CONTINUED)
The AMT22 encoder operates in two modes: programming, and SPI mode. To enter programming mode for use with AMT Viewpoint™ the
slide on the bottom of the encoder must be moved to the programming position. Slide the switch to the left position before connecting
encoder to AMT Viewpoint™. Once configuration in AMT Viewpoint™ is completed, disconnect encoder and return switch to the standard run
mode position before connecting encoder to system. Switch must be in proper mode for programming or SPI before power is connected to
device.
AMT VIEWPOINT™ OPERATION
A
Run Mode
Program Mode
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com