Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT232A-2000-S Datasheet(PDF) 2 Page - CUI Devices

Part # AMT232A-2000-S
Description  MODULAR ABSOLUTE ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT232A-2000-S Datasheet(HTML) 2 Page - CUI Devices

  AMT232A-2000-S Datasheet HTML 1Page - CUI Devices AMT232A-2000-S Datasheet HTML 2Page - CUI Devices AMT232A-2000-S Datasheet HTML 3Page - CUI Devices AMT232A-2000-S Datasheet HTML 4Page - CUI Devices AMT232A-2000-S Datasheet HTML 5Page - CUI Devices AMT232A-2000-S Datasheet HTML 6Page - CUI Devices AMT232A-2000-S Datasheet HTML 7Page - CUI Devices AMT232A-2000-S Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CUI DEVICES | SERIES: AMT23 | DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 08/05/2022 | page 2 of 8
cuidevices.com
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
105
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
yes
SERIAL INTERFACE
parameter
conditions/description
min
typ
max
units
protocol
single ended 3-wire Synchronous Serial Interface2
data rate
1
2
MHz
T
CLK
data shifted to output buffer
500
ns
T
DOV
time before data is valid
250
ns
T
CS
time between reads
1
µs
Notes:
2. All SSI signals are single ended. This interface uses a chip select signal for initiating position reads.
1
T
CLK
K1
D1
K0
D14*
D13
D5
D4
D3
D2
16*
CHIP SELECT
CLOCK
DATA
1
K1
Positional Data Bits
T
CS
T
DOV
Figure 1
Timing Waveform
Values K1 and K0 in the response are checkbits. The checkbits are odd parity over the odd and even bits in the position response shown in
the equation below. The checkbits are not part of the position, but are used to verify its validity. The lower 14 bits are the encoder position.
Example:
Full response: 0x61AB
14-bit position: 0x21AB (8619 decimal)
Checkbit Formula
Odd: K1 = !(H5^H3^H1^L7^L5^L3^L1)
Even: K0 = !(H4^H2^H0^L6^L4^L2^L0)
From the above response 0x61AB:
Odd: 0 = !(1^0^0^1^1^1^1) = correct
Even: 1 = !(0^0^1^0^0^0^1) = correct
Notes:
*For 12-bit applications the clock can be stopped after 14 cycles, or if you clock the full 16 times L0 and L1 are always 0. Because the low two bits are 0, 12-bit data would need
to be right-shifted two bits. The checkbit calculation remains the same and unaffected.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com