Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS02 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALS02
Description  Quad 2-Input NOR gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS02 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALS02 Datasheet HTML 1Page - NXP Semiconductors 74ALS02 Datasheet HTML 2Page - NXP Semiconductors 74ALS02 Datasheet HTML 3Page - NXP Semiconductors 74ALS02 Datasheet HTML 4Page - NXP Semiconductors 74ALS02 Datasheet HTML 5Page - NXP Semiconductors 74ALS02 Datasheet HTML 6Page - NXP Semiconductors 74ALS02 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
74ALS02
Quad 2-input NOR gate
1991 Feb 08
3
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
16
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–0.4
mA
IOL
Low–level output current
8
mA
Tamb
Operating free air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VOH
High-level output voltage
VCC±10%, VIL = MAX, VIH = MIN, IOH = –0.4mA
VCC – 2
V
VO
Low level output voltage
VCC = MIN, VIL = MAX,
IOL = 4mA
0.25
0.40
V
VOL
Low-level output voltage
CC
,
IL
,
VIH = MIN
IOL = 8mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
-0.73
-1.5
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
0.1
mA
IIH
High–level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low–level input current
VCC = MAX, VI = 0.5V
-0.1
mA
IO
Output current3
VCC = MAX, VO = 2.25V
-30
-112
mA
ICC
Supply current (total)
ICCH
VCC = MAX
VI = GND
0.86
2.2
mA
ICC
Supply current (total)
ICCL
VCC = MAX
VI = 4.5V
2.16
4.0
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. The output conditions have been chosen to produce a current that closely approximate one half of the true short–circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com