Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0071SMB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAPSS0071SMB
Description  DECT Power Amplifier 1880 - 1930 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0071SMB Datasheet(HTML) 3 Page - Tyco Electronics

  MAAPSS0071SMB Datasheet HTML 1Page - Tyco Electronics MAAPSS0071SMB Datasheet HTML 2Page - Tyco Electronics MAAPSS0071SMB Datasheet HTML 3Page - Tyco Electronics MAAPSS0071SMB Datasheet HTML 4Page - Tyco Electronics MAAPSS0071SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DECT Power Amplifier
1880 - 1930 MHz
MAAPSS0071
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
RoHS
Compliant
MAAPSS0071 External Parts List
Designator
Value
Footprint
Manufacturer
Part ID
C1
1 pF
0402
Murata
GRM1555C1H1R0CZ01B
C2, C4
3 pF
0402
Murata
GRM1555C1H3R0CZ01B
C3
22 nF
0402
Murata
GRM155R71C223KA01B
C5, C6
47 pF
0402
Murata
GRM1555C1H470JZ01B
C7, C8
100 nF
0402
Murata
GRM155F51C104ZA01B
C9
4 pF
0402
Murata
GRM155C1H4R0CZ01B
R1
475 Ohm
0402
Panasonic
ERJ-3EKF4750V
L1
10 nH
0402
Coilcraft
0402CS-10NXJB
Designator
Length (mm) 4
Width (mm)
T1 5
2.16
0.37
T2
2.54
0.37
T3
3.05
0.37
T4
3.94
0.37
Transmission Line Dimensions, 0.20 mm thick FR4
Evaluation Board Schematic
C9
C7
C6
C8
L1
C4
T1
C1
R1
C3
RF IN
VCC (Typ. = 2.4 V)
RF
OUT
Ven
(Typ. = 2.5 V)
C2
C5
T3
T2
T4
Jumper
Jumper
Jumper
Jumper
4. From package edge to center of component.
5. T1 is measured from package edge (not C2) to the center of
C1.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com