Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0107SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPSS0107SMB
Description  3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0107SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPSS0107SMB Datasheet HTML 1Page - Tyco Electronics MAAPSS0107SMB Datasheet HTML 2Page - Tyco Electronics MAAPSS0107SMB Datasheet HTML 3Page - Tyco Electronics MAAPSS0107SMB Datasheet HTML 4Page - Tyco Electronics MAAPSS0107SMB Datasheet HTML 5Page - Tyco Electronics MAAPSS0107SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3.6 V, 0.5 W, RF Power Amplifier IC for DECT
1800 - 2000 MHz
MAAPSS0107
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
RoHS
Compliant
Output power, power added efficiency, and input
VSWR vs. frequency, VDD = 3.6 V, PIN = -2 dBm
Output power and power added efficiency vs. supply
voltage
Harmonics, VDD = 3.6 V, PIN = -2 dBm, F=1900 MHz
Typical Performance Curves
Output power and drain current vs. temperature at
VDD = 3.0 V, PIN = -2 dBm, F=1900 MHz
Output power and drain current vs. temperature at
VDD = 3.2 V, PIN = -2 dBm, F=1900 MHz
Maximum operating temperature to maintain < 150°
junction temperature
0
8
16
24
32
40
48
56
64
0
1
2
3
4
5
6
1800
1850
1900
1950
2000
Pout
PAE
VSWR
Frequency (MHz)
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
0123456
Pout (dBm)
PAE (%)
Voltage Supply (Volts)
0
5
10
15
20
25
30
0
50
100
150
200
250
300
-50
-25
0
255075
100
Pout
Idd
Temperature Ts (°C)
0
5
10
15
20
25
30
0
50
100
150
200
250
300
-50
-25
0
255075
100
Pout
Idd
Temperature Ts (°C)
0
1
2
3
4
5
6
-50
0
50
100
150
Temperature, Ts (°C)
-30
-20
-10
0
10
20
30
f
0
2f
0
3f
0
4f
0
5f
0
Harmonics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com