Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS112 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS112
Description  Dual J-K negative edge-triggered flip-flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS112 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS112 Datasheet HTML 1Page - NXP Semiconductors 74ALS112 Datasheet HTML 2Page - NXP Semiconductors 74ALS112 Datasheet HTML 3Page - NXP Semiconductors 74ALS112 Datasheet HTML 4Page - NXP Semiconductors 74ALS112 Datasheet HTML 5Page - NXP Semiconductors 74ALS112 Datasheet HTML 6Page - NXP Semiconductors 74ALS112 Datasheet HTML 7Page - NXP Semiconductors 74ALS112 Datasheet HTML 8Page - NXP Semiconductors 74ALS112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ALS112A
Dual J-K negative edge-triggered flip-flop
2
1996 Jun 27
853-1846 16995
DESCRIPTION
The 74ALS112A, dual negative edge-triggered JK-type flip-flop
features individual J, K, clock (CPn), set (SD), and reset (RD)
inputs, true (Qn) and complementary (Qn) outputs.
The SD and RD inputs, when Low, set or reset the outputs as shown
in the function table regardless of the level at the other inputs.
A High level on the clock (CPn) input enables the J and K inputs and
data will be accepted. The logic levels at the J and K inputs may be
allowed to change while the CPn is High and the flip-flop will perform
according to the function table as long as minimum setup and hold
times are observed. Output changes are initiated by the High-to-Low
transition of the CPn.
TYPE
TYPICAL
fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS112A
50MHz
3.0mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Q1
VCC
K1
J1
SD1
CP1
RD0
RD1
CP0
K0
Q0
J0
SD0
Q0
9
8
GND
Q1
SF00103
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
16-pin plastic DIP
74ALS112AN
SOT38-4
16-pin plastic SO
74ALS112AD
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
CP0, CP1
Clock Pulse input (active falling edge)
1.0/1.0
20
µA/0.1mA
J0, J1
J inputs
1.0/2.0
20
µA/0.2mA
K0, K1
K inputs
1.0/2.0
20
µA/0.2mA
SD0, SD1
Set inputs (active-Low)
1.0/2.0
20
µA/0.2mA
RD0, RD1
Reset inputs (active-Low)
1.0/2.0
20
µA/0.2mA
Q0, Q1, Q0, Q1
Data outputs
20/80
0.4mA/8mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
Q0 Q0 Q1 Q1
56
97
VCC = Pin 16
GND = Pin 8
1
4
15
13
10
14
CP0
SD0
RD0
CP1
SD1
RD1
J1
K0
212
SF00104
K1
J0
311
IEC/IEEE SYMBOL
SF00105
6
3
1
2
15
4
11
13
12
14
10
5
9
7
1J
C1
1K
R
S
2J
C2
2K
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com