Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE-9NKY-RJA Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ICE-9NKY-RJA
Description  Automatic backup and restore configuration tool for managed switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ICE-9NKY-RJA Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ICE-9NKY-RJA Datasheet HTML 1Page - Advantech Co., Ltd. ICE-9NKY-RJA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Ethernet Solutions
Features
ICE-9NKY-RJA
ICE-9NKY-M12A Automaticbackupandrestore
configuration tool for managed switches
Introduction
Advantech N-Key series is designed to enhance managed switch maintenance efficiency and reduce system downtime. Plug and play to save/load the setup configuration of
Advantech's managed switches through the RS-232 console ports without any additional setting required. It greatly simplifies network deploying/maintaining/repairing processes
for IT/OT technicians and saves a lot of time and cost.
Specifications
Interface
ƒ
I/O Port
ICE-9NKY-RJA: RJ45 port
ICE-9NKY-M12A: M12 5pin A-Coded
Physical
ƒ
Enclosure
PVC Molding
ƒ
Protection Class
IP40
ƒ
Dimensions (W x H x D)
30 x 14 x 90 mm (1.181" x 0.551" x 4.134")
Environment
ƒ
Operating Temperature
0 ~ 60°C (32 ~ 140°F )
ƒ
Storage Temperature
-40 ~ 70°C (-40 ~ 158°F )
ƒ
Ambient Relative Humidity
5 ~ 95% (non-condensing)
ƒ
Humidity
5 ~ 95% (non-condensing)
Power
ƒ
Power Input
3 ~ 5 VDC (through console port)
Certification
ƒ
EMI
CE, FCC Class A
ƒ
EMS
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
EN 61000-4-6
ƒ
Patent
http://www.advantech.com/legal/patent
Support List
ICE-9NKY-RJA
ƒ
EKI-7706 Series
ƒ
EKI-7708 Series
ƒ
EKI-7712 Series
ƒ
EKI-7716 Series
ƒ
EKI-7720 Series
ƒ
EKI-7428G-4CPI Series
ƒ
EKI-7428G-4CI Series
ƒ
EKI-9226G Series
ICE-9NKY-M12A
ƒ EKI-9508 Series
ƒ EKI-9610 Series
Please check Advantech's website to obtain the most updated N-Key support list
ƒ RS-232 RJ45/M12 console ports connection
ƒ Plug and play, quickly backup and restore configuration
ƒ Reduce system down time without extra power input
ƒ Easy and convenient way to reload system configuration
ƒ Support Advantech's managed Ethernet switches
All product specifications are subject to change without notice.
Last updated: 22-June-2020


Similar Part No. - ICE-9NKY-RJA

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ICE1-16DI-G60L-V1D PF-ICE1-16DI-G60L-V1D Datasheet
871Kb / 4P
Fieldbus module
ICE1-16DIO-G60L-C1-V1D PF-ICE1-16DIO-G60L-C1-V1D Datasheet
878Kb / 4P
Fieldbus module
ICE1-16DIO-G60L-V1D PF-ICE1-16DIO-G60L-V1D Datasheet
880Kb / 4P
Fieldbus module
ICE1-8DI8DO-G60L-C1-V1D PF-ICE1-8DI8DO-G60L-C1-V1D Datasheet
873Kb / 4P
Fieldbus module
ICE1-8DI8DO-G60L-V1D PF-ICE1-8DI8DO-G60L-V1D Datasheet
873Kb / 4P
Fieldbus module
More results

Similar Description - ICE-9NKY-RJA

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
UES-3880 NI-UES-3880 Datasheet
1Mb / 6P
Industrial Ethernet Switches - Managed and Unmanaged
logo
Red Lion Controls. Inc
SLX-5MS REDLION-SLX-5MS Datasheet
388Kb / 3P
Managed Fast Ethernet Switches
logo
List of Unclassifed Man...
HES16M ETC2-HES16M Datasheet
422Kb / 3P
16 and 24-Port Din-rail Managed Ethernet Switches
HES16MC ETC2-HES16MC Datasheet
440Kb / 4P
16 and 26-Port Rackmount Managed Ethernet Switches
logo
Moxa Inc.
EDS-516A MOXA-EDS-516A Datasheet
800Kb / 5P
16-port managed Ethernet switches
ICS-G7750A MOXA-ICS-G7750A Datasheet
758Kb / 6P
Gigabit modular managed Ethernet switches
IM-6700A MOXA-IM-6700A Datasheet
566Kb / 4P
Fast Ethernet modules for modular managed switches
logo
Schneider Electric
MCSEAM0100 SCHNEIDER-MCSEAM0100 Datasheet
83Kb / 2P
Configuration backup key for Modicon switch - USB connector
Oct 30, 2020
logo
Advantech Co., Ltd.
ESRP-FTS-EKI7712 ADVANTECH-ESRP-FTS-EKI7712 Datasheet
3Mb / 2P
Auto-Configuration Backup and Restore System
logo
Littelfuse
9224 LITTELFUSE-9224 Datasheet
342Kb / 1P
NEUTRAL SAFETY AND BACKUP SWITCHES
2019 Rev: 021219
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com