Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS158 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS158
Description  Data selector/multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS158 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS158 Datasheet HTML 1Page - NXP Semiconductors 74ALS158 Datasheet HTML 2Page - NXP Semiconductors 74ALS158 Datasheet HTML 3Page - NXP Semiconductors 74ALS158 Datasheet HTML 4Page - NXP Semiconductors 74ALS158 Datasheet HTML 5Page - NXP Semiconductors 74ALS158 Datasheet HTML 6Page - NXP Semiconductors 74ALS158 Datasheet HTML 7Page - NXP Semiconductors 74ALS158 Datasheet HTML 8Page - NXP Semiconductors 74ALS158 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
74ALS157/74ALS158
Data selector/multiplexer
74ALS157 Quad 2-input data selector/multiplexer, non-inverting
74ALS158 Quad 2-input data selector/multiplexer, inverting
2
1991 Feb 08
853–1129 01670
DESCRIPTION
The 74ALS157 is a quad 2-input multiplexer which selects 4 bits of
data from one of two sources under the control of a common select
input (S). The enable input (E) is active when Low. When E is High,
all of the outputs (Yn) are forced Low regardless of all other input
conditions.
Moving data from two registers to a common output bus is a typical
use of the 74ALS157. The state of the select input determines the
particular register from which data comes.
The device is the logic implementation of 4-pole, 2-position switch
where the position of the switch is determined by the logic levels
supplied to the select input. The 74ALS158 is similar but has
inverting outputs (Yn).
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS157
6.0ns
6mA
74ALS158
6.0ns
6mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
16-pin plastic DIP
74ALS157N, 74ALS158N
SOT38-4
16-pin plastic SO
74ALS157D, 74ALS158D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Ina, Inb, Inc, Ind
Data inputs
1.0/1.0
20
µA/0.1mA
S
Select input
1.0/1.0
20
µA/0.1mA
E
Enable input
1.0/1.0
20
µA/0.1mA
Ya – Yd, Ya – Yd
Data outputs
20/240
0.4mA/24mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
PIN CONFIGURATION – 74ALS157
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Yb
VCC
Yd
I0c
I1c
I1d
E
I0d
S
I0a
I1b
I1a
Ya
I0b
9
8
GND
Yc
SC00051
PIN CONFIGURATION – 74ALS158
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Yb
VCC
Yd
I0c
I1c
I1d
E
I0d
S
I0a
I1b
I1a
Ya
I0b
9
8
GND
Yc
SC00052
LOGIC SYMBOL – 74ALS157
VCC = Pin 16
GND = Pin 8
SC00053
1
15
S
E
2356
11
10
14
I0a
I1a
I0b
I1b
I0c
I1c
I0d
Ya
Yb
Yc
Yd
479
12
13
I1d
LOGIC SYMBOL – 74ALS158
VCC = Pin 16
GND = Pin 8
SC00054
1
15
S
E
2356
11
10
14
I0a
I1a
I0b
I1b
I0c
I1c
I0d
Ya
Yb
Yc
Yd
479
12
13
I1d



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com