Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0190 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0190
Description  GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0190 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0190 Datasheet HTML 1Page - Tyco Electronics MASWSS0190 Datasheet HTML 2Page - Tyco Electronics MASWSS0190 Datasheet HTML 3Page - Tyco Electronics MASWSS0190 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs Broadband DPDT Diversity Switch
2.0 - 6.0 GHz
MASWSS0190
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, VC = 0 V / 3 V, 8 pF Capacitor
2, Z
0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
2.4 GHz
4.9 - 6 GHz, with 3 pF DC blocking capacitors
dB
dB
—
—
0.75
.9
1.25
1.4
Isolation
(on/off or off/on)
2.4 GHz
4.9 - 6 GHz, with 3 pF DC blocking capacitors
dB
dB
39
27
43
31
—
—
Return Loss
(on/off or off/on)
2.4 GHz
4.9 - 6 GHz, with 3 pF DC blocking capacitors
dB
dB
19
17
22
20
—
—
IP2
Two Tone, 15 dBm/Tone, 5 MHz Spacing
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
93
86
84
—
—
—
IP3
Two Tone, 15 dBm/Tone, 5 MHz Spacing
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
52
50
50
—
—
—
Input P-1dB
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
33
31
31
—
—
—
2
nd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBm
dBm
—
—
-75
-77
—
—
3
rd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBm
dBm
—
—
-69
-86
—
—
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
—
—
35
60
—
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
—
90
—
Transients
—
mV
—
6
—
Control Current
|VC| = 3 V
µA
—
3
10
Isolation
(on/on or off/off)
2.4 GHz
4.9 - 6 GHz, with 3 pF DC blocking capacitors
dB
dB
5
9
7
11
—
—
2. For positive voltage control, external DC blocking capacitors are required on all RF ports. Performance values are valid using 8 pF DC
blocking capacitors, except where noted. All scattering parameters can be optimized by varying the DC blocking capacitor value, e.g. 8 pF
for 2.4 GHz, 3 pF for 4.9 GHz - 6 GHz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com