Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0184SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MASWSS0184SMB
Description  High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0184SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MASWSS0184SMB Datasheet HTML 1Page - Tyco Electronics MASWSS0184SMB Datasheet HTML 2Page - Tyco Electronics MASWSS0184SMB Datasheet HTML 3Page - Tyco Electronics MASWSS0184SMB Datasheet HTML 4Page - Tyco Electronics MASWSS0184SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
High Power GaAs DPDT Diversity Switch
DC - 4.0 GHz
MASWSS0184
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
RoHS
Compliant
Insertion Loss, 39 pF Capacitors
Typical Performance Curves
Insertion Loss, 4 pF Capacitors
Isolation, 39 pF Capacitors
Isolation, 4 pF Capacitors
S11, S22 vs. Temperature, 39 pF Capacitors
S11, S22 vs. Temperature, 4 pF Capacitors
-21
-18
-15
-12
-9
-6
-3
0
0
1
2
345
6
Frequency (GHz)
-21
-18
-15
-12
-9
-6
-3
0
01
23
4
5
6
Frequency (GHz)
0
1
2
3
4
5
6
7
8
012
345
6
Frequency (GHz)
0
1
2
3
4
5
6
7
8
012
345
6
Frequency (GHz)
20
25
30
35
40
45
50
01
2
345
6
Iso @ Tx when IL from Ant 1 to Rx
Iso @ Rx when IL from Ant 2 to Tx
Iso @ Tx when IL from Ant 2 to Rx
Iso @ Rx when IL from Ant 1 to Tx
Frequency (GHz)
20
25
30
35
40
45
50
01
2
345
6
Iso @ Tx when IL from Ant 1 to Rx
Iso @ Rx when IL from Ant 2 to Tx
Iso @ Tx when IL from Ant 2 to Rx
Iso @ Rx when IL from Ant 1 to Tx
Frequency (GHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com