Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0191SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0191SMB
Description  GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0191SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0191SMB Datasheet HTML 1Page - Tyco Electronics MASWSS0191SMB Datasheet HTML 2Page - Tyco Electronics MASWSS0191SMB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SP3T 2.6 V CDMA-GPS Switch
0.5 - 3.0 GHz
MASWSS0191
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
6 (CELL Path)
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
—
—
—
0.65
0.70
0.70
0.80
—
—
Insertion Loss
6 (GPS Path)
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
—
—
—
0.95
0.95
0.95
1.1
—
—
Isolation (GPS Path)
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
29.0
—
—
31.0
26.0
23.5
—
—
—
Isolation (PCS Path)
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
25.0
—
—
27.0
23.5
21.5
—
—
—
Return Loss
All RF ports, DC – 2.5 GHz
dB
—
20
—
IP3
CELL Path
PCS Path
Two Tones +22 dBm / tone, 1 MHz Spacing, 820 MHz
Two Tones +22 dBm / tone, 1 MHz Spacing, 1880 MHz
dBm
dBm
—
—
58
59
—
—
Cross Modulation
CELL Path
Cell Band: Two-tone signal input: Tx1 = +22 dBm @ 820 MHz,
Tx2 = +22 dBm @ 821 MHz,
RX interfere = -30 dBm @ 869 MHz.
dBm
—
-113
—
Cross Modulation
PCS Path
PCS Band: Two-tone signal input: Tx1 = +18 dBm @ 1880
MHz, Tx2 = +18 dBm @ 1881 MHz,
RX interfere = -30 dBm @ 1960 MHz.
dBm
—
-115
—
P0.1 dB
CELL Path
GPS Path
PCS Path
820 MHz
1.5 GHz
1.9 GHz
dBm
dBm
dBm
—
—
—
37
35
35
—
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µS
—
0.05
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
µS
—
0.07
—
Transients
In Band
mV
—
50
—
Control Current
|VC| = 2.6 V
µA
—
2
20
Insertion Loss
6 (PCS Path)
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
—
—
—
0.65
0.70
0.65
0.8
—
—
Isolation (CELL Path)
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
30.0
—
—
32.0
27.0
24.5
—
—
—
5.
For positive voltage control, external DC blocking capacitors are required on all RF ports.
6.
Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Electrical Specifications: TA = 25°C, VC = 0 V / 2.6 V
5, Z
0 = 50 Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com