Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1858 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSD1858
Description  LCD Segment / Common Driver with Controller CMOS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1858 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSD1858 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1858 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
SSD1858
Rev 1.1
09/2002
SOLOMON
2
2
FEATURES
104x64 4 gray scale levels Graphic Display with an Icon Line
Programmable Multiplex ratio (partial display) [16Mux - 65Mux]
Single Supply Operation, 1.8 V - 3.3V
Low Current Sleep Mode (<1.0uA)
On-Chip Voltage Generator / External Power Supply
Software selectable 2X / 3X / 4X / 5X On-Chip DC-DC Converter, with Integrated Capacitors
On-Chip Oscillator
Software Selectable On-Chip Bias Dividers, with Integrated Capacitors
Programmable 1/4, 1/5, 1/6, 1/7, 1/8, 1/9 bias ratio
Maximum +12.0V LCD Driving Output Voltage
Hardware pin selectable for 8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel
Interface, 3-wire Serial Peripheral Interface or 4-wire Serial Peripheral Interface
On-Chip 104 x 65 x 2 Graphic Display Data RAM
Re-mapping of Row and Column Drivers
Vertical Scrolling
Display Offset Control
64 Levels Internal Contrast Control
External Contrast Control
Maximum 17MHz SPI or 15MHz PPI operation
Selectable LCD Driving Voltage Temperature Coefficients (5 settings) [-0.14%/oC (POR)]
Programmable Frame Frequency
One time programmable (OTP) capability for Vout adjusts.
3
ORDERING INFORMATION
Table 1 - Ordering Information
Ordering Part Number
Seg
Com
Package Form
SSD1858Z
104 /96
64 + 1
Gold Bump Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com