Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHT100JS1LE Datasheet(PDF) 23 Page - Exxelia Group

Part # 102SHT100JS1LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100JS1LE Datasheet(HTML) 23 Page - Exxelia Group

Back Button 102SHT100JS1LE Datasheet HTML 19Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 20Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 21Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 22Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 23Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 24Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 25Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 26Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 27Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
CERAMIC CAPACITORS
5
info@exxelia.com
www.exxelia.com
Page revised 01/11
General characteristics
Selection Guide
Model
Coating
Leads
Mounting
Main Applications
Page
CEC / CNC SERIES
Low and Medium Voltage
Chips Capacitors
0402
to
3040
NPO
BX
2C1
X7R
10V
to
1,000V
1pF
to
12
µF
–55°C
to
+125°C
•
•
Precision, stability,
decoupling
22
NON MAGNETIC
CHIPS SERIES
Low and Medium Voltage
Chips Capacitors
0505
to
2220
NPO
X7R
50V
to
500V
10pF
to
1
µF
–55°C
to
+125°C
•
•
Precision, stability,
decoupling
26
OP SERIES
Open Mode Chips
Capacitors
0805
to
2220
NPO
X7R
10V
to
100V
1pF
to
4.7
µF
–55°C
to
+125°C
•
•
Precision, stability,
decoupling.
Significantly reduce
risk of short circuit
28
CER /CNR SERIES
Low Inductance Chips
Capacitors
0306
to
0612
NPO
X7R
16V
to
100V
1pF
to
270nF
–55°C
to
+125°C
•
•
Decoupling, low ESL,
medical embedded
30
C3N / C4N / C3E / C4E
SERIES
Capacitors Arrays
-
NPO
X7R
25V
to
200V
4.7pF
to
33nF
–55°C
to
+125°C
•
•
Medical embedded,
miniaturisation
32
30 S4 SERIES
Safety Capacitors
-
NPO
X7R
40V
to
100V
470pF
to
820nF
–55°C
to
+125°C
•
•
•
Railway
33
TCE / TCX / TCN / TXR
MOLDED SERIES
Radial Molded Capacitors
-
NPO
BX
2C1
X7R
25V
to
500V
1pF
to
4.7
µF
–55°C
to
+125°C
•
•
•
Precision, stability,
decoupling
34
LA SERIES
Radial Molded Capacitors
-
NPO
Temp.
coeff.
25V
to
63V
1pF
to
680nF
–55°C
to
+125°C
•
•
•
Decoupling
36
TCE / TCX / TCN / TXR
AXIAL SERIES
Axial Molded Capacitors
-
NPO
BX - 2C1
X7R
25V
to
500V
1pF
to
3.9
µF
–55°C
to
+125°C
•
•
•
Precision, stability,
decoupling
38
TCE / TCX / TCN / TXR
CONFORMAL COATED
SERIES
Radial Dipped Capacitors
-
NPO
BX - 2C1
X7R
25V
to
500V
1pF
to
6.8
µF
–55°C
to
+125°C
•
•
•
Precision, stability,
decoupling
40
NON MAGNETIC
CONFORMAL COATED
SERIES
Radial Dipped Capacitors
-
NPO
X7R
63V
to
500V
180pF
to
1
µF
–55°C
to
+125°C
•
•
•
Precision, stability,
decoupling
42
CK SERIES
Radial Molded Capacitors
-
BX
25V
to
250V
10pF
to
1
µF
–55°C
to
+125°C
•
•
•
Decoupling
44
C Series
High voltage chips
Capacitors
1812
to
16080
NPO
C4xx
X7R
200V
to
10kV
10pF
to
39
µF
–55°C
to
+125°C
•
•
Power supply,
voltage multiplier,
radars.
• aerospace
• space
• defence
• railways
51
TCL / TCK Series
High voltage Molded &
Varnished leaded
Capacitors
-
NPO
C4xx
X7R
200V
to
10kV
10pF
to
39
µF
–55°C
to
+125°C
•
•
•
•
54
TCF Series
High voltage Conformal
coated leaded Capacitors
-
NPO
C4xx
X7R
200V
to
10kV
10pF
to
39
µF
–55°C
to
+125°C
•
•
•
57
TKD Series
High voltage Conformal
coated leaded Capacitors
-
NPO
C4xx
X7R
200V
to
10kV
10pF
to
39
µF
–55°C
to
+125°C
•
•
•
60
CS Series
High voltage Stacked
Capacitors
2220
to
16080
NPO
C4xx
X7R
1kV
to
10kV
220pF
to
15
µF
–55°C
to
+125°C
• •
• •
• •
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com