Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1025-30K Datasheet(PDF) 1 Page - API Delevan

Part # 1025-30K
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

1025-30K Datasheet(HTML) 1 Page - API Delevan

  1025-30K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
39
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 1025 & 1026
Molded Unshielded RF Coils
1380
1300
1230
1120
1040
975
830
710
660
550
500
420
390
620
560
480
415
355
285
263
239
195
185
160
144
160
157
149
144
140
130
125
110
100
92
88
84
66
61
57
52
47
45
40
36
35
30
29
28
3800
2200
2000
1900
1800
1700
1500
1400
0.08
0.09
0.10
0.12
0.14
0.16
0.22
0.30
0.35
0.50
0.60
0.85
1.00
0.18
0.22
0.30
0.40
0.55
0.85
1.00
1.20
1.80
2.00
2.70
3.30
2.70
2.80
3.10
3.30
3.50
3.40
3.60
4.50
5.70
6.70
7.30
8.00
13.00
15.00
17.00
21.00
25.00
28.00
35.00
42.00
46.00
60.00
65.00
72.00
0.010
0.030
0.035
0.040
0.045
0.050
0.060
0.070
680.0
640.0
600.0
550.0
510.0
430.0
410.0
365.0
330.0
300.0
275.0
250.0
230.0
150.0
140.0
125.0
115.0
100.0
90.0
80.0
75.0
65.0
60.0
55.0
50.0
40.0
35.0
30.0
25.0
20.0
24.0
22.0
20.0
18.0
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.5
6.0
5.0
4.2
3.8
3.4
900.0
875.0
850.0
825.0
800.0
775.0
750.0
725.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
50.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
40
40
38
35
33
33
30
30
30
30
28
28
25
25
28
30
30
37
45
45
45
50
50
55
55
45
45
50
50
50
45
45
45
45
50
50
50
30
30
30
30
30
30
30
30
30
30
30
30
50
40
40
40
40
40
40
40
1
2
3
4
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
Military Specifications (1025 Series Only)
MS75083 (LT4K); MS75084 (LT10K); MS75085
(LT10K)
Physical Parameters
Inches
Millimeters
Length
0.250 ± 0.010
6.35 ± 0.25
Diameter
0.095 ± 0.010
2.41 ± 0.25
Lead Size
AWG #24 TCW
0.020 ± 0.0015
0.508 ± 0.038
Lead Length
1.5 ± 0.12
38.1 ± 3.05
Current Rating at 90°C Ambient
LT4K 35°C Rise
LT10K 15°C Rise
Operating Temperature Range
LT4K –55°C to +125°C
LT10K –55°C to +105°C
Maximum Power Dissipation at 90°C
Phenolic: LT4K 0.21 W
Iron: LT10K 0.09 W
Ferrite: LT10K 0.073 W
Weight Max. (Grams) 0.3
• For in-between values see Series 1782 (page 40)
Note (1026 Series only) Self Resonant Frequency
(SRF) values are calculated and for reference only.
Packaging Tape & reel: 12" reel, 3500 pieces max.;
14" reel, 6000 pieces max. For additional packaging
options, see page 146.
Made in the U.S.A.
M
I L I TA RY
A
P P R O V E D
MS75083– SERIES 1025 PHENOLIC CORE (LT4K)
1025-94K
1025-96K
1025-00K
1025-02K
1025-04K
1025-06K
1025-08K
1025-10K
1025-12K
1025-14K
1025-16K
1025-18K
1025-20K
MS75084– SERIES 1025 IRON CORE (LT10K)
1025-22K
1025-24K
1025-26K
1025-28K
1025-30K
1025-32K
1025-34K
1025-36K
1025-38K
1025-40K
1025-42K
1025-44K
1025-46K
1025-48K
1025-50K
1025-52K
1025-54K
MS75085– SERIES 1025 FERRITE CORE (LT10K)
1025-56K
1025-58K
1025-60K
1025-62K
1025-64K
1025-66K
1025-68K
1025-70K
1025-72K
1025-74K
1025-76K
1025-78K
1025-80K
1025-82K
1025-84K
1025-86K
1025-88K
1025-90K
1025-92K
Parts listed above are QPL/MIL qualified
SERIES 1026 PHENOLIC CORE (LT4K)
1026-00M
1026-02K
1026-04K
1026-06K
1026-08K
1026-10K
1026-12K
1026-14K
Optional Tolerances:
J = 5%
H = 3%
G = 2%
F = 1%


Similar Part No. - 1025-30K

ManufacturerPart #DatasheetDescription
logo
API Delevan
1025-30K API-1025-30K Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results

Similar Description - 1025-30K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com