Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHF100CS6LE Datasheet(PDF) 2 Page - Exxelia Group

Part # 102SHF100CS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100CS6LE Datasheet(HTML) 2 Page - Exxelia Group

  102SHF100CS6LE Datasheet HTML 1Page - Exxelia Group 102SHF100CS6LE Datasheet HTML 2Page - Exxelia Group 102SHF100CS6LE Datasheet HTML 3Page - Exxelia Group 102SHF100CS6LE Datasheet HTML 4Page - Exxelia Group 102SHF100CS6LE Datasheet HTML 5Page - Exxelia Group 102SHF100CS6LE Datasheet HTML 6Page - Exxelia Group 102SHF100CS6LE Datasheet HTML 7Page - Exxelia Group 102SHF100CS6LE Datasheet HTML 8Page - Exxelia Group 102SHF100CS6LE Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CERAMIC CAPACITORS
148
www.exxelia.com
info@exxelia.com
Taping : dimensions
Page revised 06/20
SHA (SIZE 0505): TYPICAL ESR VERSUS FREQUENCY
SHS (SIZE 0603): TYPICAL ESR VERSUS FREQUENCY
SHF (SIZE 0805): TYPICAL ESR VERSUS FREQUENCY
0.01
0.10
100
1,000
ESR (Ω)
Frequency (MHz)
10 pF
56 pF
68 pF
0.01
0.10
0
500
1,000
1,500
2,000
2,500
ESR (Ω)
Frequency (MHz)
3.3 pF
10 pF
47 pF
0
0.05
0.1
0.15
0.2
500
1,000
1,500
2,000
ESR (Ω)
Frequency (MHz)
1 pF
10 pF
100 pF
SHB (SIZE 1111): TYPICAL ESR VERSUS FREQUENCY
SHS (SIZE 0603): TYPICAL Q FACTOR VERSUS FREQUENCY
SHF (SIZE 0805): TYPICAL Q FACTOR VERSUS FREQUENCY
0.01
0.10
100
1,000
ESR (Ω)
Frequency (MHz)
10 pF
27 pF
33 pF
1
10
100
1,000
10,000
500
1,000
1,500
2,000
Q factor
Frequency (MHz)
1
10
100
1,000
10,000
500
1,000
1,500
2,000
Q factor
Frequency (MHz)
DIMENSIONS in inches (mm)
Chips
Micro-strip ribbon leads (Type 1)
Radial leads: available on all sizes (Type 6)
TYPICAL PERFORMANCE DATA
S-Parameters available with ABC software.
SH Series
Super HiQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com