Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV321 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT49BV321
Description  32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV321 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT49BV321 Datasheet HTML 17Page - ATMEL Corporation AT49BV321 Datasheet HTML 18Page - ATMEL Corporation AT49BV321 Datasheet HTML 19Page - ATMEL Corporation AT49BV321 Datasheet HTML 20Page - ATMEL Corporation AT49BV321 Datasheet HTML 21Page - ATMEL Corporation AT49BV321 Datasheet HTML 22Page - ATMEL Corporation AT49BV321 Datasheet HTML 23Page - ATMEL Corporation AT49BV321 Datasheet HTML 24Page - ATMEL Corporation AT49BV321 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
AT49BV/LV320(T)/321(T)
1494H–FLASH–01/03
Input Test Waveforms and Measurement Level
tR,tF <5ns
Output Test Load
Note:
This parameter is characterized and is not 100% tested.
Pin Capacitance
f= 1 MHz,T = 25°C
(1)
Symbol
Typ
Max
Units
Conditions
CIN
4
6
pF
VIN =0V
COUT
8
12
pF
VOUT =0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com