Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F008A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49F008A
Description  8-megabit (1M x 8/512K x 16) Flash Memory
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F008A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49F008A Datasheet HTML 1Page - ATMEL Corporation AT49F008A Datasheet HTML 2Page - ATMEL Corporation AT49F008A Datasheet HTML 3Page - ATMEL Corporation AT49F008A Datasheet HTML 4Page - ATMEL Corporation AT49F008A Datasheet HTML 5Page - ATMEL Corporation AT49F008A Datasheet HTML 6Page - ATMEL Corporation AT49F008A Datasheet HTML 7Page - ATMEL Corporation AT49F008A Datasheet HTML 8Page - ATMEL Corporation AT49F008A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
AT49F008A(T)/8192A(T)
1199G–FLASH–11/02
AT49F8192A(T) TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE
RESET
NC
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
GND
I/O15 / A-1
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
VCC
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
GND
CE
A0
AT49F008A(T) TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A16
A15
A14
A13
A12
A11
A9
A8
WE
RESET
NC
RDY/BUSY
A18
A7
A6
A5
A4
A3
A2
A1
A17
GND
NC
A-1
A10
I/O7
I/O6
I/O5
I/O4
VCC
VCC
NC
I/O3
I/O2
I/O1
I/O0
OE
GND
CE
A0
AT49F8192A(T) SOIC (SOP) Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
GND
OE
I/O0
I/O8
I/O1
I/O9
I/O2
I/O10
I/O3
I/O11
RESET
WE
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE
GND
I/O15
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
VCC
Note:
“•” denotes a white dot marked on the package.
The device is erased by executing the Erase command sequence; the device internally con-
trols the erase operation. The memory is divided into four blocks for erase operations. There
are two 4K word parameter block sections: the boot block, and the main memory array block.
The typical number of program and erase cycles is in excess of 10,000 cycles.
The optional 8K word boot block section includes a reprogramming lockout feature to provide
data integrity. This feature is enabled by a command sequence. Once the boot block program-
ming lockout feature is enabled, the data in the boot block cannot be changed when input
levels of 5.5 volts or less are used. The boot sector is designed to contain user secure code.
For the AT49F8192A(T), the BYTE pin controls whether the device data I/O pins operate in
the byte or word configuration. If the BYTE pin is set at a logic “1” or left open, the device is in
word configuration, I/O0 - I/O15 are active and controlled by CE and OE.
If the BYTE pin is set at logic “0”, the device is in byte configuration, and only data I/O pins
I/O0 - I/O7 are active and controlled by CE and OE. The data I/O pins I/O8 - I/O14 are tri-
stated and the I/O15 pin is used as an input for the LSB (A-1) address function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com