Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5022-162J Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5022-162J
Description  Surface Mountable Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5022-162J Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5022-162J Datasheet HTML 1Page - List of Unclassifed Manufacturers 5022-162J Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/ 2002
PAGE
33
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 5022
Surface Mountable Inductors
1040
1030
830
820
765
748
638
610
565
555
520
495
420
388
372
368
368
360
348
337
368
361
353
351
344
335
328
320
302
295
280
275
262
255
250
237
230
224
219
213
210
182
178
173
171
149
147
143
139
136
119
116
112
110
107
105
0.300
0.320
0.470
0.500
0.550
0.600
0.800
0.900
1.050
1.100
1.200
1.400
1.800
2.250
2.500
2.500
2.500
2.600
2.800
3.000
2.500
2.600
2.700
2.750
2.850
3.000
3.150
3.300
3.700
3.900
4.300
4.500
4.900
5.200
5.450
6.050
6.400
6.750
7.100
7.450
7.800
11.000
11.500
12.000
12.500
16.300
17.100
17.900
18.800
19.500
25.900
27.200
28.600
30.000
31.500
33.000
65
60
60
55
55
50
50
45
44
42
40
40
38
34
30
30
26
25
21
19
15.5
14.5
13.7
13.0
12.7
12.0
11.5
11.0
10.5
10.3
10.0
9.5
8.9
8.7
8.5
8.0
7.5
7.0
6.5
6.2
5.9
5.7
5.4
5.1
4.8
4.5
4.2
3.9
3.7
3.8
3.3
3.1
2.9
2.7
2.5
2.3
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
35
45
45
50
50
50
55
55
60
65
65
65
70
75
75
75
60
60
65
65
60
60
60
55
55
55
55
55
55
50
50
50
60
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
65
5.10
5.60
6.20
6.80
7.50
8.20
9.10
10.0
11.0
12.0
13.0
15.0
16.0
18.0
20.0
22.0
24.0
27.0
30.0
33.0
36.0
39.0
43.0
47.0
51.0
56.0
62.0
68.0
75.0
82.0
91.0
100.0
110.0
120.0
130.0
150.0
160.0
180.0
200.0
220.0
240.0
270.0
300.0
330.0
360.0
390.0
430.0
470.0
510.0
560.0
620.0
680.0
750.0
820.0
910.0
1000.0
SERIES 5022 IRON CORE
5022-512J
5022-562J
5022-622J
5022-682J
5022-752J
5022-822J
5022-912J
5022-103J
5022-113J
5022-123J
5022-133J
5022-153J
5022-163J
5022-183J
5022-203J
5022-223J
5022-243J
5022-273J
5022-303J
5022-333J
5022-363J
5022-393J
5022-433J
5022-473J
5022-513J
5022-563J
5022-623J
5022-683J
5022-753J
5022-823J
5022-913J
5022-104J
5022-114J
5022-124J
5022-134J
5022-154J
5022-164J
5022-184J
5022-204J
5022-224J
5022-244J
5022-274J
5022-304J
5022-334J
5022-364J
5022-394J
5022-434J
5022-474J
5022-514J
5022-564J
5022-624J
5022-684J
5022-754J
5022-824J
5022-914J
5022-105J
OPTIONAL TOLERANCES: H=3% G=2% F=1%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com