Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL05-HT3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GL05-HT3
Description  Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL05-HT3 Datasheet(HTML) 1 Page - Vishay Siliconix

  GL05-HT3 Datasheet HTML 1Page - Vishay Siliconix GL05-HT3 Datasheet HTML 2Page - Vishay Siliconix GL05-HT3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VISHAY
GL05 - HT3
Document Number 85823
Rev. 3, 03-Jun-03
Vishay Semiconductors
www.vishay.com
1
Pin 1
Top view
17914
12
3
Low Capacitance ESD Protection Diodes for High-Speed Data
Interfaces
Features
• Transient protection for data lines as per
IEC 61000-4-2 (ESD) 15 kV (air) 8 kV (contact)
IEC 61000-4-5 (Lightning) 17 A (tp = 8/ 20
µs)
• Small package for use in portable electronics
• Low capacitance for high speed data lines,
cellular handsets, USB port protection,
LAN equipment, peripherals
• Space saving LiLiPut package
Mechanical Data
Case: LLP75-3B Plastic Package
Molding Compound Flammability Rating:
UL 94 V-0
Terminals: High temperature soldering guaranteed:
260 °C/10 sec. at terminals
Weight: 5 mg
Parts Table
Absolute Maximum Ratings
Ratings at 25 °C, ambient temperature unless otherwise specified
Thermal Characteristics
Ratings at 25 °C, ambient temperature unless otherwise specified
Electrical Characteristics
Part
Ordering code
Marking
Remarks
GL05-HT3
GL05-HT3-GS08
50
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Peak pulse power
8/20
µs waveform
PPK
300
W
ESD voltage
ESD per IEC 61000-4-2
VESD
>25
kV
Parameter
Test condition
Symbol
Value
Unit
Operation temperature
TJ
- 55 to + 125
°C
Storage temperature
Tstg, TSTG
- 55 to + 150
°C
Part
Number
Marking
Code
VRWM
VBR(min)
IR(max)
VC(max)
IPPM
Cj
Pin1 to Pin2
Pin3 NC
@ It = 1.0 mA
@ VRWM
IPP = 1.0 A
IPP = 5.0 A
tp = 8/20 µs
VR = 0 V
f = 1 MHz
V
V
µA
V
A
pF
GL05-HT3
50
5
6
20
9.8
11
17
5


Similar Part No. - GL05-HT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GL05T VISHAY-GL05T Datasheet
76Kb / 3P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
03-Jun-03
GL05T VISHAY-GL05T Datasheet
159Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
09-Jun-11
GL05T VISHAY-GL05T Datasheet
117Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
20-May-2021
GL05T-GS08 VISHAY-GL05T-GS08 Datasheet
159Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
09-Jun-11
GL05T-V-G-08 VISHAY-GL05T-V-G-08 Datasheet
159Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
09-Jun-11
More results

Similar Description - GL05-HT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GL05T VISHAY-GL05T Datasheet
76Kb / 3P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
03-Jun-03
GL05T VISHAY-GL05T_11 Datasheet
159Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
09-Jun-11
logo
AMAZING Microelectronic...
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC099-04S AMAZING-AZC099-04S Datasheet
174Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2013/08/27
logo
Vishay Siliconix
GL05T VISHAY-GL05T_V01 Datasheet
117Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
20-May-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com