Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZY1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZY1
Description  Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZY1 Datasheet(HTML) 2 Page - Vishay Siliconix

  ZY1 Datasheet HTML 1Page - Vishay Siliconix ZY1 Datasheet HTML 2Page - Vishay Siliconix ZY1 Datasheet HTML 3Page - Vishay Siliconix ZY1 Datasheet HTML 4Page - Vishay Siliconix ZY1 Datasheet HTML 5Page - Vishay Siliconix ZY1 Datasheet HTML 6Page - Vishay Siliconix ZY1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZY1, ZY3.6 thru ZY200
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88418
2
02-May-02
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Zener
Dynamic
Temp. coeff.
Test
Reverse
Admissible
voltage(2)
resistance
of Zener volt.
current
voltage
Zener current(1)
at
at IZT
at
at
at Tamb = 25°C
IZT
f = 1 kHz
IZT
IR= 1
µA
Type
VZ (V)
max rzj (
Ω)
α
VZ (10
–4 /K)
IZT (mA)
VR (V)
IZ (mA)
ZY1(3)
0.71 … 0.82
1
–26 … –16
100
–
1000
ZY3.6
3.4 ... 3.8
7
–7 ... +2
100
–
440
ZY3.9
3.7 ... 4.1
7
–7 ... +2
100
–
410
ZY4.3
4.0 ... 4.6
7
–7 ... +3
100
–
360
ZY4.7
4.4 ... 5.0
7
–7 ... +4
100
–
330
ZY5.1
4.8 ... 5.4
5
–6 ... +5
100
–
300
ZY5.6
5.2 ... 6.0
2
–3 ... +5
100
> 1.5
275
ZY6.2
5.8 ... 6.6
2
–1 ... +6
100
> 1.5
245
ZY6.8
6.4 ... 7.2
2
0 ... +7
100
> 2
220
ZY7.5
7.0 ... 7.9
2
0 ... +7
100
> 2
200
ZY8.2
7.7 ... 8.7
2
+3 ... +8
100
> 3.5
180
ZY9.1
8.5 ... 9.6
4
+3 ... +8
50
> 7.4
165
ZY10
9.4 ... 10.6
4
+5 ... +9
50
> 8.2
145
ZY11
10.4 … 11.6
7
+5 … +10
50
> 9.2
135
ZY12
11.4 … 12.7
7
+5 … +10
50
> 10
120
ZY13
12.4 … 14.1
10
+5 … +10
50
> 10.7
110
ZY15
13.8 … 15.8
10
+5 … +10
50
> 12
98
ZY16
15.3 … 17.1
15
+6 … +11
25
> 13.3
90
ZY18
16.8 … 19.1
15
+6 … +11
25
> 14.7
80
ZY20
18.8 … 21.2
15
+6 … +11
25
> 16.5
72
ZY22
20.8 … 23.3
15
+6 … +11
25
> 18.3
66
ZY24
22.8 … 25.6
15
+6 … +11
25
> 20.1
60
ZY27
25.1 … 28.9
15
+6 … +11
25
> 22.5
53
ZY30
28 … 32
15
+6 … +11
25
> 25.1
48
ZY33
31 … 35
15
+6 … +11
25
> 27.8
44
ZY36
34 … 38
40
+6 … +11
10
> 30.2
40
ZY39
37 … 41
40
+6 … +11
10
> 32.9
37
ZY43
40 … 46
45
+7 … +12
10
> 35.6
33
ZY47
44 … 50
45
+7 … +12
10
> 39.2
30
ZY51
48 … 54
60
+7 … +12
10
> 42.8
27
ZY56
52 … 60
60
+7 … +12
10
> 47.3
25
ZY62
58 … 66
80
+8 … +13
10
> 51.7
21
ZY68
64 … 72
80
+8 … +13
10
> 57.1
20
ZY75
70 … 79
100
+8 … +13
10
> 63.2
18
ZY82
77 … 88
100
+8 … +13
10
> 68.6
16
ZY91
85 … 96
200
+9 … +13
5
> 75.7
15
ZY100
94 … 106
200
+9 … +13
5
> 83.7
13
ZY110
104 …116
250
+9 … +13
5
> 92.6
12
ZY120
114 … 127
250
+9 … +13
5
> 101.6
11
ZY130
124 … 141
300
+9 … +13
5
> 110.5
10
ZY150
138 … 156
300
+9 … +13
5
> 123
9
ZY160
153 …171
350
+9 … +13
5
>136
8.5
ZY180
168 … 191
350
+9 … +13
5
> 149
8
ZY200
188 … 212
350
+9 … +13
5
> 167
7.5
Notes: (1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(2) Tested with pulses tp = 5 ms
(3) The ZY1 is a silicon diode operated in forward direction. Hence, the index of all parameters ratings should be “F” instead of “Z”. Connect the cathode
lead to the negative pole



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com