Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS374 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALS374
Description  Latch/flip-flop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS374 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALS374 Datasheet HTML 4Page - NXP Semiconductors 74ALS374 Datasheet HTML 5Page - NXP Semiconductors 74ALS374 Datasheet HTML 6Page - NXP Semiconductors 74ALS374 Datasheet HTML 7Page - NXP Semiconductors 74ALS374 Datasheet HTML 8Page - NXP Semiconductors 74ALS374 Datasheet HTML 9Page - NXP Semiconductors 74ALS374 Datasheet HTML 10Page - NXP Semiconductors 74ALS374 Datasheet HTML 11Page - NXP Semiconductors 74ALS374 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
74ALS373/74ALS374
Latch/flip-flop
1991 Feb 08
8
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
CP VM
VM
VM
tw(H)
1/fmax
VM
VM
tPHL
tw(L)
tPLH
Qn
SF00258
Waveform 1.
Propagation Delay for Clock Input to Output,
Clock Pulse Widths, and Maximum Clock Frequency
tPHL
EVM
VM
VM
tw(H)
VM
VM
Qn
tPLH
SF00259
Waveform 2.
Propagation Delay for Enable to Output and
Enable Pulse Width
Dn
VM
VM
VM
VM
tPHL
tPLH
Qn
SF00260
Waveform 3.
Propagation Delay for Data to Output
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
tsu(H)
th(H)
E
Dn
SF00261
Waveform 4.
Data Setup Time and Hold Times
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
tsu(H)
th(H)
CP
Dn
SF00262
Waveform 5.
Data Setup Time and Hold Times
VM
VM
VM
tPHZ
tPZH
OE
Qn
VOH -0.3V
0V
SC00099
Waveform 6.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
OE
Qn
VOL +0.3V
SC00100
3.5V
Waveform 7.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com