Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD74115BCPZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD74115BCPZ
Description  Single-Channel, Software Configurable Input and Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115BCPZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD74115BCPZ Datasheet HTML 60Page - Analog Devices AD74115BCPZ Datasheet HTML 61Page - Analog Devices AD74115BCPZ Datasheet HTML 62Page - Analog Devices AD74115BCPZ Datasheet HTML 63Page - Analog Devices AD74115BCPZ Datasheet HTML 64Page - Analog Devices AD74115BCPZ Datasheet HTML 65Page - Analog Devices AD74115BCPZ Datasheet HTML 66Page - Analog Devices AD74115BCPZ Datasheet HTML 67Page - Analog Devices AD74115BCPZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 103 page
background image
Data Sheet
AD74115
THEORY OF OPERATION
analog.com
Rev. 0 | 64 of 103
contribute off-leakage to the screw terminal when not in use. This
leakage can affect the accuracy of the analog functions, especially
to RTD measurements.
The AD74115 has a FET leakage compensation feature that pro-
vides an alternative path to the FET leakage to prevent it from
flowing in the I/OP screw terminal.
To enable this feature, configure the FET_LKG_COMP register. Set
the FET_SRC_LKG_COMP_EN bit for sourcing digital output and
set the FET_SNK_LKG_COMP_EN bit for sinking digital output.
For sourcing the digital output, connect the DO_SRC_INT pin to
the drain of the FET as shown in Figure 52. Similarly, for sinking
the digital output, connect the DO_SNK_INT pin to the drain of the
sinking FET as shown in Figure 53.
The FET leakage compensation feature can be used if the specified
leakage of the chosen external FET is expected to contribute error
to the precision analog measurements like the current input or
3-wire and 4-wire RTD measurements. This feature is not recom-
mended for use in 2-wire RTD mode.
Figure 52. Configuration for Digital Output Sourcing with FET Leakage Compensation
Figure 53. Configuration for Digital Output Sinking with FET Leakage Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com