Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5023 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5023
Description  Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5023 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5023 Datasheet HTML 1Page - Analog Devices ADRF5023 Datasheet HTML 2Page - Analog Devices ADRF5023 Datasheet HTML 3Page - Analog Devices ADRF5023 Datasheet HTML 4Page - Analog Devices ADRF5023 Datasheet HTML 5Page - Analog Devices ADRF5023 Datasheet HTML 6Page - Analog Devices ADRF5023 Datasheet HTML 7Page - Analog Devices ADRF5023 Datasheet HTML 8Page - Analog Devices ADRF5023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
ADRF5023
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 12
Table 1. Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EN
33
µA
RECOMMENDED OPERATING CONDITONS
Positive Supply Voltage
VDD
3.15
3.45
V
Negative Supply Voltage
VSS
−3.45
−3.15
V
Digital Control Input Voltage
VCTRL
0
VDD
V
RF Input Power2, 3
PIN
f = 1 MHz to 40 GHz, TCASE = 85°C
Through Path
RF signal is applied to the RFC or through
connected RF1/RF2
30
dBm
Terminated Path
RF signal is applied to terminated RF1/RF2
24
dBm
Hot Switching
RF signal is applied to the RFC while switching
between RF1/RF2
30
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 14 to Figure 17.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.
SINGLE-SUPPLY OPERATION
VDD = 3.3 V, VSS = 0 V, VCTRL/VEN = 0 V or VDD V, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 2. Single-Supply Operational Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.009
45,000
MHz
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
2.2
µs
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
5.8
µs
0.1 dB RF Settling Time
50% VCTRL to 0.1 dB of final RF output
7.8
µs
INPUT LINEARITY
f = 1 MHz to 40 GHz
0.1 dB Power Compression
P0.1dB
17
dBm
Input Third-Order Intercept
IIP3
Two-tone input power = 0 dBm each tone, Δf = 1
MHz
43
dBm
RECOMMENDED OPERATING CONDITONS
RF Input Power1, 2
PIN
f = 1 MHz to 40 GHz, TCASE = 85°C
Through Path
RF signal is applied to the RFC or through
connected RF1/RF2
15
dBm
Terminated Path
RF signal is applied to terminated RF1/RF2
10
dBm
Hot Switching
RF signal is applied to the RFC while switching
between RF1/RF2
15
dBm
1 For power derating over frequency, see Figure 2 and Figure 3.
2 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com