Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3113 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3113
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3113 Datasheet(HTML) 4 Page - Analog Devices

  LTC3113 Datasheet HTML 1Page - Analog Devices LTC3113 Datasheet HTML 2Page - Analog Devices LTC3113 Datasheet HTML 3Page - Analog Devices LTC3113 Datasheet HTML 4Page - Analog Devices LTC3113 Datasheet HTML 5Page - Analog Devices LTC3113 Datasheet HTML 6Page - Analog Devices LTC3113 Datasheet HTML 7Page - Analog Devices LTC3113 Datasheet HTML 8Page - Analog Devices LTC3113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LT3154
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3154 is tested under pulsed load conditions such
that TJ ≈TA. The LT3154E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3154I is guaranteed to meet specifications over the –40°C to 125°C
operating junction temperature. The LT3154J is guaranteed to meet
specifications over the –40°C to 150°C operating junction temperature
range. High junction temperatures degrade operating lifetimes; operating
lifetime is de‑rated for temperatures greater than 125°C.The maximum
ambient temperature is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance
and other environmental factors. The junction temperature (TJ in °C) is
calculated from the ambient temperature (TA in °C) and power dissipation
(PD in Watts) according to the following formula:
TJ = TA + (PD) • (θJA °C/W)
Where θJA is the package thermal impedance. Note the maximum ambient
temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal resistance and other environmental factors.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the maximum operating junction temperature
may impair device reliability or permanently damage the device.
Note 4: Specification is guaranteed by design and not 100% tested
in production.
Note 5: Failure to solder exposed backside of the package to the PC Board
will result in a higher thermal resistance
Note 6: Voltage transients on the switch pins beyond the DC limits
specified in Absolute Maximum Ratings are non‑disruptive to normal
operation when using good layout practices as described elsewhere in the
data sheet and as seen on the demo board.
Note 7: To ensure low shutdown current when voltage is initially applied
to VIN, the external SS capacitor option is recommended if EN/UVLO is
controlled through a microprocessor and not connected to VIN directly
or through a UVLO resistor divider network as depicted in most data
sheet applications.
Alternately, toggling EN/UVLO high then low after initial VIN power‑up
will allow the LT3154 to determine the correct SS pin configuration to
enable or disable an internal 40k resistor used to discharge the external
SS capacitor in shutdown. If SS is connected to VIN (selecting the internal
option) and EN/UVLO is held low during initial VIN power‑up, the 40k
resistor may add extra VIN quiescent current until EN/UVLO is toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com