Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC072N025S Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC072N025S
Description  OptiMOS짰2 Power-Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC072N025S Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC072N025S Datasheet HTML 1Page - Infineon Technologies AG BSC072N025S Datasheet HTML 2Page - Infineon Technologies AG BSC072N025S Datasheet HTML 3Page - Infineon Technologies AG BSC072N025S Datasheet HTML 4Page - Infineon Technologies AG BSC072N025S Datasheet HTML 5Page - Infineon Technologies AG BSC072N025S Datasheet HTML 6Page - Infineon Technologies AG BSC072N025S Datasheet HTML 7Page - Infineon Technologies AG BSC072N025S Datasheet HTML 8Page - Infineon Technologies AG BSC072N025S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BSC072N025S G
OptiMOS®2 Power-Transistor
Features
• Fast switching MOSFET for SMPS
• Optimized technology for notebook DC/DC converters
• Qualified according to JEDEC
1 for target applications
• Logic level / N-channel
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• Superior thermal resistance
• Avalanche rated
• dv /dt rated
• Pb-free lead plating; RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
40
A
T C=100 °C
40
T A=25 °C,
R thJA=45 K/W
2)
15
Pulsed drain current
I D,pulse
T C=25 °C
3)
160
Avalanche energy, single pulse
E AS
I D=40 A, R GS=25 Ω
160
mJ
Reverse diode dv /dt
dv /dt
I D=40 A, V DS=24 V,
di /dt =200 A/µs,
T j,max=150 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
60
W
T A=25 °C,
R thJA=45 K/W
2)
2.8
Operating and storage temperature
T j, T stg
-55 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Value
V DS
25
V
R DS(on),max
7.2
m
Ω
I D
40
A
Product Summary
PG-TDSON-8
Type
Package
Marking
BSC072N025S G
PG-TDSON-8
72N025S
Rev. 0.94
page 1
2006-05-10


Similar Part No. - BSC072N025S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC072N025SG INFINEON-BSC072N025SG Datasheet
382Kb / 10P
OptiMOS?? Power-Transistor
Rev. 1.4 2009-10-23
BSC072N025S INFINEON-BSC072N025S_09 Datasheet
382Kb / 10P
OptiMOS?? Power-Transistor
Rev. 1.4 2009-10-23
More results

Similar Description - BSC072N025S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com