Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3543AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3543AF
Description  Photocouplers Photorelay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3543AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3543AF Datasheet HTML 1Page - Toshiba Semiconductor TLP3543AF Datasheet HTML 2Page - Toshiba Semiconductor TLP3543AF Datasheet HTML 3Page - Toshiba Semiconductor TLP3543AF Datasheet HTML 4Page - Toshiba Semiconductor TLP3543AF Datasheet HTML 5Page - Toshiba Semiconductor TLP3543AF Datasheet HTML 6Page - Toshiba Semiconductor TLP3543AF Datasheet HTML 7Page - Toshiba Semiconductor TLP3543AF Datasheet HTML 8Page - Toshiba Semiconductor TLP3543AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TLP3543A,TLP3543AF
4
10.
10.
10.
10. Absolute Maximum Ratings (UL-recognized: UL 508) (Note)
Absolute Maximum Ratings (UL-recognized: UL 508) (Note)
Absolute Maximum Ratings (UL-recognized: UL 508) (Note)
Absolute Maximum Ratings (UL-recognized: UL 508) (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input reverse voltage
Input power dissipation
Input power dissipation derating
Junction temperature
OFF-state output terminal voltage
ON-state current (A connection)
ON-state current (B connection)
ON-state current (C connection)
ON-state current derating (A connection)
ON-state current derating (B connection)
ON-state current derating (C connection)
ON-state current (pulsed)
Output power dissipation
Output power dissipation derating
Junction temperature
Storage temperature
Case temperature
Operating temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 25 )
(100 µs pulse, 100 pps)
(Ta ≥ 25 )
(Ta ≥ 25 )
(Ta ≥ 25 )
(Ta ≥ 25 )
(t = 100 ms, duty = 1/10)
(Ta ≥ 25 )
(10 s)
(AC, 60 s, R.H. ≤ 60 %)
Symbol
IF
∆IF/∆Ta
IFP
VR
PD
∆PD/∆Ta
Tj
VOFF
ION
∆ION/∆Ta
IONP
PO
∆PO/∆Ta
Tj
Tstg
Tc
Topr
Tsol
BVS
Note
(Note 1)
(Note 1)
(Note 2)
Rating
30
-0.3
1
6
50
-0.5
105
30
5
5
10
-50
-50
-100
15
700
-7.0
105
-55 to 125
105
-40 to 85
260
2500
Unit
mA
mA/
A
V
mW
mW/
V
A
mA/
A
mW
mW/
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: For an application circuit example, see Chapter 16.2.
Note 2: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
11.
11.
11.
11. Recommended Operating Conditions (UL-recognized: UL 508) (Note)
Recommended Operating Conditions (UL-recognized: UL 508) (Note)
Recommended Operating Conditions (UL-recognized: UL 508) (Note)
Recommended Operating Conditions (UL-recognized: UL 508) (Note)
Characteristics
Supply voltage
Input forward current
ON-state current (A connection)
Operating temperature
Symbol
VDD
IF
ION
Topr
Note
(Note 1)
(Note 1)
Min
5
-20
Typ.
10
Max
24
19.5
3.3
85
Unit
V
mA
A
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this data sheet should also be considered.
Note 1: The above recommended operating conditions are at Ta = 60 .
However, within the derating range of the characteristic curves of "IF - Ta", "ION - Ta", it can be used up to 85 .
2020-03-11
Rev.4.0
©2017-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com