Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3545A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3545A
Description  Photocouplers Photorelay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3545A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3545A Datasheet HTML 1Page - Toshiba Semiconductor TLP3545A Datasheet HTML 2Page - Toshiba Semiconductor TLP3545A Datasheet HTML 3Page - Toshiba Semiconductor TLP3545A Datasheet HTML 4Page - Toshiba Semiconductor TLP3545A Datasheet HTML 5Page - Toshiba Semiconductor TLP3545A Datasheet HTML 6Page - Toshiba Semiconductor TLP3545A Datasheet HTML 7Page - Toshiba Semiconductor TLP3545A Datasheet HTML 8Page - Toshiba Semiconductor TLP3545A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLP3545A,TLP3545AF
1
Photocouplers Photorelay
TLP3545A,TLP3545AF
TLP3545A,TLP3545AF
TLP3545A,TLP3545AF
TLP3545A,TLP3545AF
Start of commercial production
2017-11
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Mechanical relay replacements
•
Heating, ventilation and air conditioning (HVAC)
•
Security Systems
•
Factory Automation (FA)
•
Measuring Instruments
2.
2.
2.
2. General
General
General
General
The TLP3545A and TLP3545AF photorelay consist of a photo MOSFET optically coupled to an infrared LED. It
is housed in a 6-pin DIP package. The low ON-state resistance and the high permissible ON-state current of the
TLP3545A and TLP3545AF make it suitable for power line control applications.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally opened (1-Form-A)
(2)
OFF-state output terminal voltage: 60 V (min)
(3)
Trigger LED current: 3 mA (max)
(4)
ON-state current: 4 A (max) (A connection)
(5)
ON-state resistance: 60 mΩ (max) (A connection)
(6)
Isolation voltage: 2500 Vrms (min)
(7)
Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
UL-recognized: UL 508, File No.E499232 (Note 1)
(Note 1)
(Note 1)
(Note 1)
VDE-approved: EN 60747-5-5 (Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 1):Please refer Absolute Maximum Ratings (UL-recognized UL 508) for UL 508 products.
(Note 2):When a VDE approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
4.
4.
4.
4. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm pitch
TLP3545A
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm pitch
TLP3545AF
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2020-03-17
Rev.4.0
©2017-2020
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP3545A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3545 TOSHIBA-TLP3545 Datasheet
173Kb / 9P
Photocouplers Photorelay
More results

Similar Description - TLP3545A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com