Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3545AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP3545AF
Description  Photocouplers Photorelay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3545AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP3545AF Datasheet HTML 3Page - Toshiba Semiconductor TLP3545AF Datasheet HTML 4Page - Toshiba Semiconductor TLP3545AF Datasheet HTML 5Page - Toshiba Semiconductor TLP3545AF Datasheet HTML 6Page - Toshiba Semiconductor TLP3545AF Datasheet HTML 7Page - Toshiba Semiconductor TLP3545AF Datasheet HTML 8Page - Toshiba Semiconductor TLP3545AF Datasheet HTML 9Page - Toshiba Semiconductor TLP3545AF Datasheet HTML 10Page - Toshiba Semiconductor TLP3545AF Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLP3545A,TLP3545AF
7
Fig.
Fig.
Fig.
Fig. 16.1.7
16.1.7
16.1.7
16.1.7 ttttON
ON
ON
ON
, t
, t
, t
, tOFF
OFF
OFF
OFF
- I
- I
- I
- IFFFF
Fig.
Fig.
Fig.
Fig. 16.1.8
16.1.8
16.1.8
16.1.8 ttttON
ON
ON
ON
, t
, t
, t
, tOFF
OFF
OFF
OFF
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 16.1.9
16.1.9
16.1.9
16.1.9 IIIIOFF
OFF
OFF
OFF
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 16.1.10
16.1.10
16.1.10
16.1.10 IIIIOFF
OFF
OFF
OFF
- V
- V
- V
- VOFF
OFF
OFF
OFF
Fig.
Fig.
Fig.
Fig. 16.1.11
16.1.11
16.1.11
16.1.11 C
C
C
COFF
OFF
OFF
OFF
/C
/C
/C
/COFF
OFF
OFF
OFF
(0 V) - V
(0 V) - V
(0 V) - V
(0 V) - VOFF
OFF
OFF
OFF
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
2020-03-17
Rev.4.0
©2017-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com