Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3553AF Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TLP3553AF
Description  Photocouplers Photorelay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3553AF Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TLP3553AF Datasheet HTML 8Page - Toshiba Semiconductor TLP3553AF Datasheet HTML 9Page - Toshiba Semiconductor TLP3553AF Datasheet HTML 10Page - Toshiba Semiconductor TLP3553AF Datasheet HTML 11Page - Toshiba Semiconductor TLP3553AF Datasheet HTML 12Page - Toshiba Semiconductor TLP3553AF Datasheet HTML 13Page - Toshiba Semiconductor TLP3553AF Datasheet HTML 14Page - Toshiba Semiconductor TLP3553AF Datasheet HTML 15Page - Toshiba Semiconductor TLP3553AF Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TLP3553A,TLP3553AF
12
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
TLP3553A(LF1,TP1)
Weight: 0.25 g (typ.)
Package Name(s)
TOSHIBA: 11-5B201S
2020-03-25
Rev.5.0
©2017-2020
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com