Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5810 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5810
Description  ADJUSTABLE 60V LINEAR LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5810 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5810 Datasheet HTML 1Page - Diodes Incorporated AL5810 Datasheet HTML 2Page - Diodes Incorporated AL5810 Datasheet HTML 3Page - Diodes Incorporated AL5810 Datasheet HTML 4Page - Diodes Incorporated AL5810 Datasheet HTML 5Page - Diodes Incorporated AL5810 Datasheet HTML 6Page - Diodes Incorporated AL5810 Datasheet HTML 7Page - Diodes Incorporated AL5810 Datasheet HTML 8Page - Diodes Incorporated AL5810 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AL5810
Document number: DS45048 Rev. 2 - 2
4 of 13
www.diodes.com
June 2022
© Diodes Incorporated
AL5810
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VINOUT
IN Voltage Range Relative to OUT Pin
2.5
60
V
IINOUT
LED Current (Notes 5 & 6)
1
200
mA
tPWM(ON)
PWM Pulse Width in Dimming Mode On-time
500
—
µS
tPWM(OFF)
PWM Pulse Width in Dimming Mode off-time
500
—
µS
TJ
Operating Junction Temperature Range (Note 8)
-40
+150
°C
TA
Operating Ambient Temperature Range AEC-Q100
Grade 2 (Note 8)
-40
+105
°C
Electrical Characteristics (@TA = +25°C, V
INOUT = 3.5V (Note 7), RSET = 7.5kΩ unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VINOUT
In-Out Supply Voltage
Iout
≥100mA (Note 9)
TA = -40°C to +105°C
2.5
-
60
V
Iout <100mA (Note 9)
2.0
-
60
VRSET
RSET Voltage
—
TA = -40°C to +105°C
—
0.5
—
V
IINOUT
IINOUT Current Accuracy
RSET = 3.75kΩ
TA = +25°C
186
200
222
mA
RSET = 5kΩ
141
150
163
RSET = 7.5kΩ
95
100
105
TA = -40°C to +105°C
92
100
108
RSET = 15kΩ
TA = -40°C to +105°C
43
50
56
RSET = 75kΩ
6
10
14
RSET = 150kΩ
3
5
7
ITEMCO
Temperature Coefficient of
Current Accuracy
Iout =100mA
TA = -40°C to +105°C
—
1
—
%
ILINE
IINOUT Current Line Regulation
VIN = 3.5V to 60V (Note 8) TA = +25°C
—
1
—
%
ICC
IN Pin Operating Current
VIN = 60V
RSET = 1MΩ
TA = -40°C to +105°C
300
685
1000
µA
VMIN
Minimum Power Up Voltage
Increase VINOUT (Note 10) TA = -40°C to +105°C
1
1.5
2
V
tON_MIN
Minimum On Pulse Width for
PWM Dimming
PWM Dimming with
External MOSFET
Connected to RSET, See
PWM Dimming Section.
(Notes 11 & 12)
—
500
—
—
µS
tOFF_MIN
Minimum Off Pulse Width for
PWM Dimming
PWM Dimming with
External MOSFET
Connected to RSET, See
PWM Dimming Section.
(Notes 11 & 12)
—
500
—
—
µS
TSHDN
Thermal Shutdown
Junction Temperature
(Note 13)
—
—
165
—
C
THYS
Thermal Shutdown Hysteresis
—
—
—
30
—
C
Note:
5. For improved accuracy LED current should be greater than 60mA.
6. Maximum LED current is also limited by ambient temperature and power dissipation such that junction temperature should be kept less than or equal
to +150°C.
7. All voltages unless otherwise stated are measured with respect to OUT pin.
8. Measured by the percentage of LED current variation when VINOUT varies from 3.5V to 60V.
9. Subject to maximum junction temperature of +150°C not being exceeded. The Maximum ambient temperature range is limited by device power
dissipation; such that its junction temperature should be kept less than or equal to +150°C. See Page 3 for more information on power dissipation.
Devices have been qualified to AEC-Q100 Grade 2.
10. Apply the power linearly to the chip until the device starts to turn on.
11. tON_MIN time includes the delay and the rise time needed for IOUT to reach 90% of its final value. tOFF_MIN time is the time needed for IOUT to drop
below 10% of its final value.
12. This parameter only guaranteed by design, not tested in production.
13. Ambient temperature at which OTP is triggered may vary depending on application, PCB layout and material used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com