Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5873 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL5873
Description  55V/250mA THREE-CHANNEL LINEAR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5873 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL5873 Datasheet HTML 1Page - Diodes Incorporated AL5873 Datasheet HTML 2Page - Diodes Incorporated AL5873 Datasheet HTML 3Page - Diodes Incorporated AL5873 Datasheet HTML 4Page - Diodes Incorporated AL5873 Datasheet HTML 5Page - Diodes Incorporated AL5873 Datasheet HTML 6Page - Diodes Incorporated AL5873 Datasheet HTML 7Page - Diodes Incorporated AL5873 Datasheet HTML 8Page - Diodes Incorporated AL5873 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AL5873
Document number: DS44751 Rev. 1 - 2
4 of 16
www.diodes.com
March 2022
© Diodes Incorporated
AL5873
Electrical Characteristics (@TA = -40°C to +125°C, VIN = +12V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VVIN_UVLO
VIN UVLO Voltage
VVIN Rising
4.75
5.0
5.25
V
VVIN_UVLO_HYS
VIN UVLO Hysteresis
VVIN Falling
—
300
—
mV
IVIN_Standby
Input Current in Standby Mode
Standby Mode, PWM is
“Low” for 7ms
—
186
—
µA
IDVCC_Q
Input Current in Normal Mode
Enabled, LEDX Floating, PWM is “H”, RSET is 48kΩ
—
0.7
—
mA
VIL_PWM
PWM Low Voltage
—
—
—
0.4
V
VIH_PWM
PWM High Voltage
—
1.4
—
—
V
IPWM_PD
PWM Internal Pulldown
VPWM = 5V
0.35
—
3.5
μA
tPWM_SHDN
Entrance Time for Standby Mode
When the PWM is
”L”
—
—
15
25
ms
VADIM
Typical Voltage Range for Analog
Dimming
For Analog Dimming 0%
—
0.3
—
V
For Analog Dimming 100%
—
1.5
—
VADIM_ON
Apply DC Voltage on ADIM Pin for
Analog Dimming on
VADIM Rising
—
—
0.35
V
VADIM_OFF
Apply DC Voltage on ADIM Pin for
Analog Dimming off
VADIM Falling
0.15
—
—
V
IADIM
ADIM sourcing Current
—
19
20
22
µA
VREF1
Reference Voltage 1
(Notes 6 & 7)
1.47
1.5
1.53
V
VREF2
Reference Voltage 2
(Notes 6 & 7)
1.47
1.5
1.53
V
ILED_NOM
Regulation Current for Channel 1
RSET = 48kΩ (Notes 6 & 7)
—
125
—
mA
VLEDX_REG
Minimum LED Regulation Voltage ILEDX = 125mA
—
0.5
—
V
ILEDX_LEAK
LEDX Leakage Current
VPWM = 0V, VLEDX = 12V
—
0.1
5
μA
ILEDX_ACCURACY
LED Current Accuracy
RSET = 48kΩ
-4
—
4
%
ILEDX_MATCH
LED Channel Current Matching
RSET = 48kΩ
-3
—
3
%
tLEDXSHDG
Short-Detection Deglitch
100% Duty-Cycle
—
5
—
ms
NLEDXSHDG
PWM Dimming (count the number of continuous
cycles when LED short is detected)
—
7
—
Cycles
tLEDXSH_HICCUP
LED Short Protection Hiccup Time
—
—
128
—
ms
tLEDXOPDG
Open-Detection Deglitch
100% Duty-Cycle
—
5
—
ms
NLEDXOPDG
PWM Dimming (count the number of continuous
cycles when LED open is detected)
—
7
—
Cycles
tLEDXOPDG_CYCLE
Open-Detection Deglitch Time per
Cycle
—
—
20
—
μs
tLEDXOP_HICCUP
LED Open Protection Hiccup Time
—
—
128
—
ms
VIL_FULL
FULL Low Voltage
—
—
—
0.4
V
VIH_FULL
FULL High Voltage
—
1.4
—
—
V
IPD_FULL
FULL Pull Down Current
—
—
2
—
μA
IF_PULLUP
FAULTB Pull-up Current
VFAULTB = 1.6V
—
500
—
μA
VF_PULLUP
FAULTB Pull-up Voltage
Fault Pin Floating
—
3
—
V
VFOL
FAULTB Output Low Voltage
IFAULTB = 1mA
—
—
600
mV
VFIN_TH
FAULTB Input Detect Threshold
Voltage
—
—
1.33
—
V
IF_LKG
FAULTB Leakage Current
VFAULTB = 5V
—
—
5
μA
TSHDN
Thermal Shutdown Threshold
—
—
+160
—
℃
TREC
Thermal Recovery Threshold
—
—
+130
—
℃
Notes:
6. Subject to maximum junction temperature of +150°C not being exceeded. The maximum ambient temperature range is limited by device power
dissipation; such that its junction temperature should be kept less than or equal to +150°C. See Page 11 for more information on power dissipation.
7
. Subject to thermal foldback function, the current of each channel becomes smaller than specs when the junction temperature is higher than thermal
foldback trigger point. See Page 11 for more information on thermal foldback function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com