Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # PR01
Description  Power Metal Film Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 6Page - Vishay Siliconix PR01 Datasheet HTML 7Page - Vishay Siliconix PR01 Datasheet HTML 8Page - Vishay Siliconix PR01 Datasheet HTML 9Page - Vishay Siliconix PR01 Datasheet HTML 10Page - Vishay Siliconix PR01 Datasheet HTML 11Page - Vishay Siliconix PR01 Datasheet HTML 12Page - Vishay Siliconix PR01 Datasheet HTML 13Page - Vishay Siliconix PR01 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Document Number: 28729
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 24-Feb-04
13
PR01/02/03
Power Metal Film Resistors
Vishay BCcomponents
Application Information
60
90
10 3
10 2
10
1
30
0
30
60
90
f (MHz)
ϕ(deg)
n
R = 18 Ω
n
R = 20 kΩ
n
R = 1.3 kΩ
n
R = 1.5 Ω
R = 100 kΩ
n
PR03 Phase angle as a function of applied frequency.
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
schedule
of
“IEC publication
60115-1”,
category
LCT/UCT/56 (rated temperature range: Lower Category
Temperature, Upper Category Temperature; damp heat,
long
term,
56 days).
The
testing
also
covers
the
requirements specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication
60068-2, “Recommended basic climatic and mechanical
robustness testing procedure for electronic components”
and under standard atmospheric conditions according to
“IEC 60068-1”, subclause 5.3.
In the Test Procedures and Requirements table, tests and
requirements are listed with reference to the relevant
clauses of “IEC publications 60115-1 and 60068-2”; a short
description of the test procedure is also given. In some
instances deviations from the IEC recommendations were
necessary for our method of specifying.
All soldering tests are performed with mildly activated flux.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
TESTS IN ACCORDANCE WITH THE SCHEDULE OF IEC PUBLICATION 60115-1
4.4.1
visual examination
no holes; clean surface; no damage
4.4.2
dimensions (outline)
gauge (mm)
see Straight & Kinked Dimensions tables
4.5
resistance
applied voltage (+ 0/−10 %):
R − Rnom: max. ± 5 %
R < 10 Ω: 0.1 V
10 Ω ≤ R < 100 Ω: 0.3 V
100 Ω ≤ R < 1 kΩ: 1 V
1 kΩ ≤ R < 10 kΩ: 3 V
10 kΩ ≤ R < 100 kΩ: 10 V
100 kΩ ≤ R < 1 MΩ: 25 V
R = 1 MΩ: 50 V
4.18
20 (Tb)
resistance to soldering heat
thermal shock: 3 s; 350 °C; 3 mm from body
∆R/R max.: ± 1 % + 0.05 Ω
4.29
45 (Xa)
component solvent
resistance
isopropyl alcohol or H2O
followed by brushing
in accordance with “MIL 202 F”
no visual damage
4.17
20 (Ta)
solderability
2 s; 235 °C
good tinning; no damage
4.7
voltage proof on
insulation
maximum voltage 500 V (RMS)
during 1 minute; metal block method
no breakdown or flashover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com