Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF3025-AS076-030 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # FF3025-AS076-030
Description  FFC Cable P0.50mm L***mm ***pin
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

FF3025-AS076-030 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  FF3025-AS076-030 Datasheet HTML 1Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
℃
℃
B2
TL
B1
S1
IL
S2
B2
TL
B1
S1
IL
S2
A TYPE
B TYPE
项目
边距
绝缘长度
总长度
总间距
间距
导体芯数
金型长度
线身厚度
插入厚度
线口倾斜度
补强板长度
补强板长度
金型长度
总宽度
尺寸
A
②
①
④
③
⑤
①
②
④
③
⑤


Similar Part No. - FF3025-AS076-030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF300R06KE3 INFINEON-FF300R06KE3 Datasheet
468Kb / 8P
62mm C-Serien Modul mit Trench
2013-10-03 revision:3.0
logo
eupec GmbH
FF300R06KE3_B2 EUPEC-FF300R06KE3_B2 Datasheet
286Kb / 8P
62mm C-Serien module with trench/fieldstop IGBT3, EmCon3 diode and M5 power terminals
logo
Infineon Technologies A...
FF300R06KE3_B2 INFINEON-FF300R06KE3_B2 Datasheet
468Kb / 8P
62mm C-Serien Modul mit Trench
2013-10-03 revision:2.0
FF300R07KE4 INFINEON-FF300R07KE4 Datasheet
497Kb / 9P
62mm C-Series module with trench/fieldstopp IGBT4 and Emitter Controlled Diode
2011-01-26 revision:2.0
FF300R07KE4 INFINEON-FF300R07KE4 Datasheet
670Kb / 9P
62mm C-Serien Modul mit Trench
2013-11-08 revision:2.0
More results

Similar Description - FF3025-AS076-030

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV1F240SS E-SWITCH-52-PV1F240SS Datasheet
208Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
52-PV3WF2B0SSG341 E-SWITCH-52-PV3WF2B0SSG341 Datasheet
165Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
52-PV7F2Y0NN3N1 E-SWITCH-52-PV7F2Y0NN3N1 Datasheet
158Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
52-PV6F24011G3G1 E-SWITCH-52-PV6F24011G3G1 Datasheet
162Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
T124011 E-SWITCH-T124011 Datasheet
247Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
P010469 E-SWITCH-P010469 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
M040111 E-SWITCH-M040111 Datasheet
116Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
38-PR142C1011107 E-SWITCH-38-PR142C1011107 Datasheet
84Kb / 1P
ALL DIMENSIONS IN MM [INCH]l
logo
Schneider Electric
APE1C2250 SCHNEIDER-APE1C2250 Datasheet
90Kb / 2P
cable with 2 connectors - 2 pins - L = 500 mm
Nov 24, 2021
logo
Amphenol Communications...
FF5026-AXXXX-XXX AMPHENOLCS-FF5026-AXXXX-XXX Datasheet
166Kb / 1P
FFC Cable P1.0mm L***mm ***pin
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com