Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP-Q Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CMP-Q
Description  CMP-Q Series High Power Anti-Surge Chip Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMP-Q Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CMP-Q Datasheet HTML 1Page - Bourns Electronic Solutions CMP-Q Datasheet HTML 2Page - Bourns Electronic Solutions CMP-Q Datasheet HTML 3Page - Bourns Electronic Solutions CMP-Q Datasheet HTML 4Page - Bourns Electronic Solutions CMP-Q Datasheet HTML 5Page - Bourns Electronic Solutions CMP-Q Datasheet HTML 6Page - Bourns Electronic Solutions CMP-Q Datasheet HTML 7Page - Bourns Electronic Solutions CMP-Q Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CMP-Q Series High Power Anti-Surge Chip Resistors
How to Order
CMP 0603 Q F X - 1002 E LF
Model
CMP = High Power Anti-Surge Resistor
Size
0603 = 0603 Size
0805 = 0805 Size
1206 = 1206 Size
2010 = 2010 Size
2512 = 2512 Size
Feature
Q = AEC-Q200 Compliant
Resistance Tolerance
F = ±1 %
J = ±5 %
TCR (See Electrical Characteristics chart)
W = ±200 PPM/°C
X = ±100 PPM/°C
Resistance Value
1 % Tolerance:
<100 Ω..............“R” represents decimal point (example: 24R3 = 24.3 Ω)
≥100 Ω..............First three digits are significant, fourth digit represents number of zeros to follow
(example: 8252 = 82.5K Ω)
5 % Tolerance:
≥10 Ω................First two digits are significant, third digit represents number of zeros to follow
(example: 474 = 470K Ω)
Packaging
E = 5,000 pieces on 180 mm (7 inch) plastic reel, paper tape - CMP0603Q, CMP0805Q, CMP1206Q
4,000 pieces on 180 mm (7 inch) reel, plastic tape - CMP2010Q, CMP2512Q
Termination
LF = Tin-plated (RoHS Compliant)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com