Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPLU300N04S4-R8 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPLU300N04S4-R8
Description  OptiMOS™-T2 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPLU300N04S4-R8 Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPLU300N04S4-R8 Datasheet HTML 1Page - Infineon Technologies AG IPLU300N04S4-R8 Datasheet HTML 2Page - Infineon Technologies AG IPLU300N04S4-R8 Datasheet HTML 3Page - Infineon Technologies AG IPLU300N04S4-R8 Datasheet HTML 4Page - Infineon Technologies AG IPLU300N04S4-R8 Datasheet HTML 5Page - Infineon Technologies AG IPLU300N04S4-R8 Datasheet HTML 6Page - Infineon Technologies AG IPLU300N04S4-R8 Datasheet HTML 7Page - Infineon Technologies AG IPLU300N04S4-R8 Datasheet HTML 8Page - Infineon Technologies AG IPLU300N04S4-R8 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPLU300N04S4-R8
13 Avalanche energy
14 Drain-source breakdown voltage
E AS = f(T j)
V BR(DSS) = f(T j); I D = 1 mA
parameter: I D
15 Typ. gate charge
16 Gate charge waveforms
V GS = f(Q gate); I D = 300 A pulsed
parameter: V DD
38
39
40
41
42
43
44
-60
-20
20
60
100
140
180
T
j [°C]
8 V
32 V
0
2
4
6
8
10
12
0
40
80
120
160
200
240
Q
gate [nC]
300 A
150 A
75 A
0
400
800
1200
1600
25
75
125
175
T
j [°C]
V GS
Q gate
Q gs
Q gd
Q g
V GS
Q gate
Q gs
Q gd
Q g
Rev. 1.1
page 7
2015-10-06



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com